Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZAMC4100 Datasheet(PDF) 75 Page - Integrated Device Technology

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100 Datasheet(HTML) 75 Page - Integrated Device Technology

Back Button ZAMC4100 Datasheet HTML 71Page - Integrated Device Technology ZAMC4100 Datasheet HTML 72Page - Integrated Device Technology ZAMC4100 Datasheet HTML 73Page - Integrated Device Technology ZAMC4100 Datasheet HTML 74Page - Integrated Device Technology ZAMC4100 Datasheet HTML 75Page - Integrated Device Technology ZAMC4100 Datasheet HTML 76Page - Integrated Device Technology ZAMC4100 Datasheet HTML 77Page - Integrated Device Technology ZAMC4100 Datasheet HTML 78Page - Integrated Device Technology ZAMC4100 Datasheet HTML 79Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
75
January 26, 2016
Table 3.9, and Table 3.1).
To cover all possible failure scenarios, the ZAMC4100 features different resources for detecting short failures on
the module level and on the IC level. Failures on the IC level are detected using internal diagnostic current
sources and over-current protection, while detecting failures on the module level also requires the dedicated ADC
channel for direct measuring of the EC_M pin voltage (see Table 3.36). Because the EC_M pin is used for
sensing the potential at the mirror terminal, it gives precise information for the overall status and current operating
condition of the ECM functionality. Any failure on the IC or module level will result in an unexpected or inaccurate
response at the EC_M potential with respect to the configuration in the ECMCTRL register (see section 3.11.2).
The ADC ECM voltage channel together with the “open/short diagnostic check” (see 3.11.3) provides all the
necessary information for the MCU firmware to distinguish between different types of ECM short failures.
3.11.2. ECM Control Register
Table 3.27 ECMCTRL Register Bits Mapping
Name
ECMCTRL
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
0x09
R/W = Read/Write bit
Table 3.28 ECMCTRL Register Bits Description
Bit
Description
7
ECMEN:
1) 2) 3) Electrochromatic mirror driver enable bit.
1 = ECM driver is enabled.
0 = ECM driver is disabled.
6
DSCEN:
1) 2) Electrochromatic mirror discharge enable bit.
1 = ECM driver low-side MOSFET is ON; EC mirror discharge enabled.
0 = ECM driver low-side MOSFET is OFF; EC mirror discharge disabled.
5:0
ECMDAC[5:0]:
1) 2) Electrochromatic control DAC bits.
111111 = ECM driver provides maximum output voltage (see Table 1.9).
000000 = ECM driver provides minimum output voltage (see Table 1.9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com