Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZLED7000ZI1R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZLED7000ZI1R
Description  40V LED Driver with Internal Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7000ZI1R Datasheet(HTML) 1 Page - Integrated Device Technology

  ZLED7000ZI1R Datasheet HTML 1Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 2Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 3Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 4Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 5Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 6Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 7Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 8Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
40V LED Driver with Internal Switch
ZLED7000
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
VIN
ADJ
GND
ISENSE
LX
ZLED7000
VS
n LED
L1
C1
1
μF
RS
D1
47
μH
6 to 40 VDC
5
4
1
2
3
Brief Description
The ZLED7000, one of our ZLED Family of LED control
ICs, is an inductive step-down converter that is optimal
for driving a single LED or multiple LEDs (connected in
series) from a voltage source greater than the voltage
rating of the LED. The ZLED7000 operates in continu-
ous mode. Capable of operating efficiently with voltage
supplies ranging from 6 VDC to 40 VDC, it is ideal for
low-voltage
lighting
applications.
The
ZLED7000
minimizes current consumption by remaining in a low-
current standby mode (output is off) until a voltage of
≥0.3V is applied to the ADJ pin.
In operating mode, the ZLED7000 can source LEDs with
an output current of
≤ 750mA (≤ 30 watts of output
power) that is externally adjustable.* The ZLED7000’s
integrated output switch and high-side current sensing
circuit use an external resistor to adjust the average
output current. Linearity is achieved via an external
control signal at the ZLED7000’s ADJ pin, implemented
either as a pulse-width modulation (PWM) waveform for
a gated output current or a DC voltage for a continuous
current.
ZLED7000 Application Circuit
* See section 2.3 and 1.4 for details
Features
• Capable of up to 95% efficiency*
• Operates in continuous mode with a wide input
range from 6 VDC to 40 VDC
• Integrated 40V power switch
• One pin on/off or brightness control via PWM or DC
voltage control signal input
• Switching frequency:
≤ 1MHz
• Dimming rate: 1200:1 (typical)
• Output current accuracy: 5% (typical)
• Built-in thermal shutdown and open-circuit protection
for LED
• Very few external components needed for operation
• Broad range of applications: outputs up to
≤750mA
• SOT89-5 package
Application Examples
• Illuminated LED signs and other displays
• LED traffic and street lighting (low-voltage)
• Architectural LED lighting, including low-voltage
applications for buildings
• Halogen replacement LEDs (low-voltage)
• LED backlighting
• General purpose exterior and interior LED lighting,
including applications requiring low-voltage
• General purpose low-voltage industrial applications


Similar Part No. - ZLED7000ZI1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZLED7000ZI1R RENESAS-ZLED7000ZI1R Datasheet
739Kb / 19P
40V LED Driver with Internal Switch
April 20, 2016
More results

Similar Description - ZLED7000ZI1R

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
40V LED Driver with Internal Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com