Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZLED7000ZI1R Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZLED7000ZI1R
Description  40V LED Driver with Internal Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7000ZI1R Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZLED7000ZI1R Datasheet HTML 9Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 10Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 11Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 12Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 13Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 14Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 15Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 16Page - Integrated Device Technology ZLED7000ZI1R Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
13
April 20, 2016
(
)
s
73
.
2
9
.
0
48
.
0
3
.
0
A
333
.
0
V
4
.
3
V
12
A
333
.
0
3
.
0
H
220
T
ON
µ
µ
=
+
+
=
(
)
s
47
.
5
3
.
0
48
.
0
A
333
.
0
V
36
.
0
V
4
.
3
A
333
.
0
3
.
0
H
220
T
OFF
µ
µ
=
+
+
+
=
MAX
ON
F
MIN
V
T
I
C
=
The following calculation example yields an operating frequency of 122kHz and a duty cycle of 0.33:
Input data: VIN
=12V, L=220μH, r
L
=0.48Ω, V
LED=3.4V, IAVG =333mA and VD =0.36V
(5)
And
(6)
3.2
External Component – Capacitor C1
To improve system efficiency, use a low-equivalent-series-resistance (ESR) capacitor for input decoupling
because this capacitor must pass the input current AC component. The capacitor value is defined by the target
maximum ripple of the supply voltage; the value is given by equation (7).
(7)
Where
IF
Value of output current
ΔV
MAX
Maximum ripple of power supply
TON
Maximum ON time of MOSFET
In the case of an AC supply with a rectifier, the capacitor value must be chosen high enough to make sure that
the DC voltage does not drop below the maximum forward voltage of the LED string plus some margin for the
voltage drops across the coil resistance, shunt resistor, and ON resistance of the switching transistor.
Recommendation: Use capacitors with X5R, X7R, or better dielectric for maximum stability over temperature and
voltage. Do not use Y5V capacitors for decoupling in this application. For higher capacitance values, aluminum
electrolytic caps with high
switching capability should be used. In this case, improved performance can be
reached by an additional X7R/X5R bypass capacitor of at least 100nF.
3.3
External Component – Diode D1
For the rectifier D1, select a high-speed, low-capacitance Schottky diode with low reverse leakage at the
maximum operating voltage and temperature to ensure maximum efficiency and performance.
Important: Choose diodes with a continuous current rating higher than the maximum output load current and a
peak current rating above the peak coil current. When operating above 85°C, the reverse leakage of the diode
must be addressed because it can cause excessive power dissipation in the ZLED7000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com