Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM81 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 5Page - National Semiconductor (TI) LM81 Datasheet HTML 6Page - National Semiconductor (TI) LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) LM81 Datasheet HTML 10Page - National Semiconductor (TI) LM81 Datasheet HTML 11Page - National Semiconductor (TI) LM81 Datasheet HTML 12Page - National Semiconductor (TI) LM81 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Test Circuit
Functional Description
1.0 GENERAL DESCRIPTION
The LM81 provides 6 analog inputs, a temperature sensor, a
Delta-Sigma ADC (Analog-to-Digital Converter), a DAC out-
put, 2 fan speed counters, WATCHDOG registers, and a va-
riety of inputs and outputs on a single chip. A two wire Serial
Bus interface is included. The LM81 performs power supply,
temperature, fan control and fan monitoring for personal
computers.
The analog inputs are useful for monitoring several power
supplies present in a typical computer. The LM81 includes
internal resistor dividers that scale and/or offset external
Vccp, +2.5V, +3.3V, +5.0V and +12V power supply voltages
to a 3/4 scale nominal ADC output. The LM81 ADC then con-
tinuously converts the scaled inputs to 8-bit digital words.
Measurement of negative voltages (such as -5V and -12V
power supplies) can be accommodated with an external re-
sistor divider applied to the Vccp2 input. Temperature is con-
verted to a 9-bit or 12-bit two’s-complement digital word with
a 0.5˚C LSB or 0.0625˚C LSB, respectively.
Fan inputs measure the period of tachometer pulses from
the fans, providing a higher count for lower fan speeds. The
fan inputs are Schmitt-Trigger digital inputs with an accept-
able range of 0V to V
+ and a transition level of approximately
V
+/2. Full scale fan counts are 255 (8-bit counter) and this
represents a stopped or very slow fan. Nominal speeds,
based on a count of 153, are programmable from 1100 to
8800 RPM on FAN1 and FAN2. Schmitt-Trigger input cir-
cuitry is included to accommodate slow rise and fall times. A
0V to 1.25V DAC output voltage range can be used for con-
trol of fan speed.
The LM81 has several internal registers, as shown in
Figure
4, Table 1 and Section 13.0. These include:
Configuration Register:
Provides control and con-
figuration.
Interrupt Status Registers:
Two registers to provide
status of each WATCHDOG limit or Interrupt event.
Interrupt Mask Registers:
Allows masking of indi-
vidual Interrupt sources, as well as separate masking for
each of the two hardware Interrupt outputs.
CI Clear Register:
Allows transmitting a 20 ms low
pulse on the chassis intrusion pin (CI).
VID/Fan Divisor Register:
This register contains the
state of the VID0-VID3 input lines and the divisor bits for
FAN1 and FAN2 inputs.
Serial Bus Address Register:
Contains the Serial Bus
address. At power on it assumes the default value of
01011XX binary, and can be altered by the state of A0
and A1.
VID4 Register:
Contains the state of the VID4 input.
Temperature Configuration Register:
Selects the in-
terrupt mode and contains the 0.5˚C LSB of the tempera-
ture reading.
Extended Mode Registers:
Enable and control the
Extended Mode which includes the LSBs of the 12-bit
temperature reading, T_CRIT, and T
HYST
Value RAM:
The DAC digital input, monitoring results
(temperature, voltages, fan counts), WATCHDOG limits,
and Company/Stepping IDs are all contained in the Value
RAM. The Value RAM consists of a total of 34 bytes, ad-
dresses 15h - 3Fh, containing:
— byte 1 at address 15h a manufacturers test register
— locations 16h - 18h are unassigned and do not have
associated registers
— byte 2 at address 19h contains the DAC Data Register
— locations 1Ah - 1Fh are unassigned and do not have
associated registers
— the next 10 bytes at addresses 20h -29h contain all of
the results, with address 26h reserved
— the next 18 bytes at addresses 2Bh-3Ch are the
WATCHDOG limits
— the last 2 bytes at addresses 3Eh and 3Fh contain the
Company ID and Stepping ID numbers, respectively
When the LM81 is started, it cycles through each measure-
ment in sequence, and it continuously loops through the se-
quence approximately once every 400 ms. Each measured
value is compared to values stored in WATCHDOG, or Limit
registers. When the measured value violates the pro-
grammed limit the LM81 will set a corresponding Interrupt in
the Interrupt Status Registers. The hardware Interrupt line
INT is fully programmable with separate masking of each In-
DS100072-6
FIGURE 3. Digital Output Load Test Circuitry
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com