Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM81 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM81 Datasheet HTML 1Page - National Semiconductor (TI) LM81 Datasheet HTML 2Page - National Semiconductor (TI) LM81 Datasheet HTML 3Page - National Semiconductor (TI) LM81 Datasheet HTML 4Page - National Semiconductor (TI) LM81 Datasheet HTML 5Page - National Semiconductor (TI) LM81 Datasheet HTML 6Page - National Semiconductor (TI) LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM81
Serial Interface ACPI-Compatible Microprocessor System
Hardware Monitor
General Description
The LM81 is a highly integrated data acquisition system for
hardware monitoring of servers, Personal Computers, or vir-
tually any microprocessor-based system. In a PC, the LM81
can be used to monitor power supply voltages, tempera-
tures, and fan speeds. Actual values for these inputs can be
read at any time. Programmable WATCHDOGlimits in the
LM81 activate a fully programmable and maskable interrupt
system with two outputs (INT and T_CRIT_).
The LM81 has an on-chip digital output temperature sensor
with 9-bit or 12-bit resolution, a 6 analog input ADC with 8-bit
resolution and an 8-bit DAC. Two fan tachometer outputs
can be measured with the LM81’s FAN1 and FAN2 inputs.
The DAC, witha0to 1.25V output voltage range, can be
used for fan speed control. Additional inputs are provided for
Chassis Intrusion detection circuits, and VID monitor inputs.
The LM81 has a Serial Bus interface that is compatible with
SMBus.
Features
n Temperature sensing
n 6 positive voltage inputs with scaling resistors for
monitoring +5V, +12V, +3.3V, +2.5V, Vccp power
supplies directly
n 8-bit DAC output for controlling fan speed
n 2 fan speed monitoring inputs
n Chassis Intrusion Detector input
n WATCHDOGcomparison of all monitored values
n SMBus Serial Bus interface compatibility
n VID0-VID4 monitoring inputs
Key Specifications
n Voltage monitoring
Error
+2% (max)
n Temperature Error
−40˚C to +125˚C
± 3˚C (max)
n Supply Voltage Range
2.8V to 3.8V
n Supply Current
Operating:
0.4 mA (typ)
n ADC and DAC Resolution
8 Bits
n Temperature Resolution
0.5˚C
Applications
n System Thermal and Hardware Monitoring for Servers
and PCs
n Office Electronics
n Electronic Test Equipment and Instrumentation
Typical Application
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
WATCHDOGis a trademark of National Semiconductor Corporation.
SMBusis a trademark of the Intel Corporation.
DS100072-1
# Indicates Active Low (“Not”)
June 1999
© 1999 National Semiconductor Corporation
DS100072
www.national.com


Similar Part No. - LM81

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM81 NSC-LM81 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM81 TI-LM81 Datasheet
461Kb / 35P
The LM81 is a highly integrated data acquisition system for
LM81 TI1-LM81 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
National Semiconductor ...
LM810 NSC-LM810 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM810 TI-LM810 Datasheet
818Kb / 14P
LM809/LM810 3-Pin Microprocessor Reset Circuits
More results

Similar Description - LM81

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1023 AD-ADM1023 Datasheet
170Kb / 12P
ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV.A
logo
Zarlink Semiconductor I...
NJ88C25 ZARLINK-NJ88C25 Datasheet
197Kb / 8P
FREQUENCY SYNTHESISER (MICROPROCESSOR SERIAL INTERFACE)
logo
National Semiconductor ...
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023_12 Datasheet
236Kb / 16P
ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
April, 2012 ??Rev. 10
logo
Xilinx, Inc
DS583 XILINX-DS583 Datasheet
658Kb / 15P
System ACE Microprocessor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com