Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X1228 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X1228
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1228 Datasheet(HTML) 1 Page - Xicor Inc.

  X1228 Datasheet HTML 1Page - Xicor Inc. X1228 Datasheet HTML 2Page - Xicor Inc. X1228 Datasheet HTML 3Page - Xicor Inc. X1228 Datasheet HTML 4Page - Xicor Inc. X1228 Datasheet HTML 5Page - Xicor Inc. X1228 Datasheet HTML 6Page - Xicor Inc. X1228 Datasheet HTML 7Page - Xicor Inc. X1228 Datasheet HTML 8Page - Xicor Inc. X1228 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
REV 1.3 3/24/04
Characteristics subject to change without notice.
1 of 31
www.xicor.com
4K (512 x 8)
2-WireRTC
Real Time Clock/Calendar/CPU Supervisor with EEPROM
FEATURES
• Real Time Clock/Calendar
—Tracks time in Hours, Minutes, and Seconds
—Day of the Week, Day, Month, and Year
•2 Polled Alarms (Non-volatile)
— Settable on the Second, Minute, Hour, Day of the
Week, Day, or Month
— Repeat Mode (periodic interrupts)
• Oscillator Compensation on chip
— Internal feedback resistor and compensation
capacitors
— 64 position Digitally Controlled Trim Capacitor
—6 digital frequency adjustment settings to
±30ppm
• CPU Supervisor Functions
—Power On Reset, Low Voltage Sense
—Watchdog Timer (SW Selectable: 0.25s, 0.75s,
1.75s, off)
• Battery Switch or Super Cap Input
• 512 x 8 Bits of EEPROM
— 64-Byte Page Write Mode
—8 modes of Block Lock™ Protection
— Single Byte Write Capability
• High Reliability
— Data Retention: 100 years
— Endurance: 100,000 cycles per byte
• 2-Wire™ Interface interoperable with I2C*
— 400kHz data transfer rate
• Frequency Output (SW Selectable: Off, 1Hz,
4096Hz, or 32.768kHz)
•Low Power CMOS
— 1.25µA Operating Current (Typical)
• Small Package Options
— 14-Lead SOIC and 14-Lead TSSOP
APPLICATIONS
• Utility Meters
•HVAC Equipment
•Audio / Video Components
• Set Top Box / Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
•Pagers / PDA
• POS Equipment
•Test Meters / Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial / Medical / Automotive
X1228
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
Control/
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
RESET
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
SCL
SDA
Serial
Interface
Decoder
4K
EEPROM
ARRAY
Watchdog
Timer
Low Voltage
Reset
Registers
Status
(SRAM)
Select
PHZ/IRQ
VCC
VBACK
32.768kHz
(SRAM)
Battery
Circuitry
Switch
OSC Compensation
*I2C is a Trademark of Philips.
New Features
Repetitive Alarms &
Temperature Compensation


Similar Part No. - X1228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
October 17, 2005
X1228 INTERSIL-X1228 Datasheet
421Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14 INTERSIL-X1228S14 Datasheet
430Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
October 17, 2005
X1228S14 INTERSIL-X1228S14 Datasheet
421Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1228

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 XICOR-X1288 Datasheet
560Kb / 31P
2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
March 29, 2005
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
October 17, 2005
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
Real Time Clock/Calendar with EEPROM
October 18, 2006
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com