Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPS20.361 Datasheet(PDF) 21 Page - PULS GmbH

Part # CPS20.361
Description  SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.361 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CPS20.361 Datasheet HTML 17Page - PULS GmbH CPS20.361 Datasheet HTML 18Page - PULS GmbH CPS20.361 Datasheet HTML 19Page - PULS GmbH CPS20.361 Datasheet HTML 20Page - PULS GmbH CPS20.361 Datasheet HTML 21Page - PULS GmbH CPS20.361 Datasheet HTML 22Page - PULS GmbH CPS20.361 Datasheet HTML 23Page - PULS GmbH CPS20.361 Datasheet HTML 24Page - PULS GmbH CPS20.361 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
CPS20.361
C-Series
36V, 13.3A, SINGLE PHASE INPUT
22. APPLICATION NOTES
22.1. PEAK CURRENT CAPABILITY
The power supply can deliver peak currents (up to several milliseconds) which are higher than the specified short term
currents.
This helps to start current demanding loads. Solenoids, contactors and pneumatic modules often have a steady state
coil and a pick-up coil. The inrush current demand of the pick-up coil is several times higher than the steady-state
current and usually exceeds the nominal output current (including the PowerBoost). The same situation applies when
starting a capacitive load.
The peak current capability also ensures the safe operation of subsequent circuit breakers of load circuits. The load
branches are often individually protected with circuit breakers or fuses. In case of a short or an overload in one branch
circuit, the fuse or circuit breaker need a certain amount of over-current to open in a timely manner. This avoids
voltage loss in adjacent circuits.
The extra current (peak current) is supplied by the power converter and the built-in large sized output capacitors of
the power supply. The capacitors get discharged during such an event, which causes a voltage dip on the output. The
following two examples show typical voltage dips:
Fig. 22-1 Peak load with 2x the nominal
current for 50ms, typ.
Fig. 22-2 Peak load with 5x the nominal
current for 5ms, typ.
Output
Voltage
21/26
10ms/DIV
Output
Current
36V
0A
26.6A
26V
Output
Voltage
36V
Output
Current
0A
1ms/DIV
66.5A
25V
26.6A Peak load (resistive) for 50ms
Output voltage dips from 36V to 26V.
66.5A Peak load (resistive) for 5ms
Output voltage dips from 36V to 25V.
Peak current voltage dips
typ.
from 36V to 26V
at 26.6A for 50ms, resistive load
typ.
from 36V to 26V
at 66.5A for 2ms, resistive load
typ.
from 36V to 25V
at 66.5A for 5ms, resistive load
22.2. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the power supply. This feature is also called
return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This power supply is resistant and does not show malfunctioning when a load feeds back voltage to the power supply.
It does not matter whether the power supply is on or off.
The maximum allowed feed-back-voltage is 50Vdc. The absorbing energy can be calculated according to the built-in
large sized output capacitor which is specified in chapter 6.
Apr. 2014 / Rev. 1.4 DS-CPS20.361-EN
All parameters are specified at 36V, 13.3A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com