Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPS20.361 Datasheet(PDF) 8 Page - PULS GmbH

Part # CPS20.361
Description  SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.361 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CPS20.361 Datasheet HTML 4Page - PULS GmbH CPS20.361 Datasheet HTML 5Page - PULS GmbH CPS20.361 Datasheet HTML 6Page - PULS GmbH CPS20.361 Datasheet HTML 7Page - PULS GmbH CPS20.361 Datasheet HTML 8Page - PULS GmbH CPS20.361 Datasheet HTML 9Page - PULS GmbH CPS20.361 Datasheet HTML 10Page - PULS GmbH CPS20.361 Datasheet HTML 11Page - PULS GmbH CPS20.361 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CPS20.361
C-Series
36V, 13.3A, SINGLE PHASE INPUT
7. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
65ms
65ms
65ms
at 36V, 6.7A, see Fig. 7-1
min.
54ms
54ms
54ms
at 36V, 6.7A, see Fig. 7-1
typ.
26ms
26ms
26ms
at 36V, 13.3A, see Fig. 7-1
min.
21ms
21ms
21ms
at 36V, 13.3A, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
0
10
20
30
40
80ms
90
120
155
190
230Vac
Input Voltage
50
60
Hold-up Time
36V, 13.3A, typ.
36V, 6.7A, min.
36V, 6.7A, typ.
70
36V, 13.3A, min.
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Input
Voltage
8. DC-OK RELAY CONTACT
This feature monitors the output voltage, which is produced by the power supply itself. It is independent of a back-fed
voltage from a unit connected in parallel to the power supply output.
Contact closes
As soon as the output voltage reaches 90% of the adjusted output voltage level.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 100ms. Dips shorter than 1ms will be ignored.
Contact ratings
max.
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A
resistive load
min.
1mA at 5Vdc
min. permissible load
Isolation voltage
See dielectric strength table in section 18.
Fig. 8-1 DC-ok relay contact behavior
V
OUT = VADJ
8/26
100ms
0.9* V
ADJ
<
1ms
10%
>
1ms
open
open
closed
closed
Apr. 2014 / Rev. 1.4 DS-CPS20.361-EN
All parameters are specified at 36V, 13.3A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com