Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM83 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM83
Description  Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM83 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM83 Datasheet HTML 8Page - National Semiconductor (TI) LM83 Datasheet HTML 9Page - National Semiconductor (TI) LM83 Datasheet HTML 10Page - National Semiconductor (TI) LM83 Datasheet HTML 11Page - National Semiconductor (TI) LM83 Datasheet HTML 12Page - National Semiconductor (TI) LM83 Datasheet HTML 13Page - National Semiconductor (TI) LM83 Datasheet HTML 14Page - National Semiconductor (TI) LM83 Datasheet HTML 15Page - National Semiconductor (TI) LM83 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1.0 Functional Description (Continued)
the serial interface logic if either of the SMBData or SMBCLK
lines are held low between 25 ms and 40 ms. TIMEOUT al-
lows a clean recovery in cases where the master may be re-
set while the LM83 is transmitting a low bit thus preventing
possible bus lock up.
Whenever the LM83 sees the start condition its serial inter-
face will reset to the beginning of the communication, thus
the LM83 will expect to see an address byte next. This sim-
plifies recovery when the master is reset while the LM83 is
transmitting a high.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com