Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM83 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM83
Description  Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM83 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM83 Datasheet HTML 10Page - National Semiconductor (TI) LM83 Datasheet HTML 11Page - National Semiconductor (TI) LM83 Datasheet HTML 12Page - National Semiconductor (TI) LM83 Datasheet HTML 13Page - National Semiconductor (TI) LM83 Datasheet HTML 14Page - National Semiconductor (TI) LM83 Datasheet HTML 15Page - National Semiconductor (TI) LM83 Datasheet HTML 16Page - National Semiconductor (TI) LM83 Datasheet HTML 17Page - National Semiconductor (TI) LM83 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1.0 Functional Description (Continued)
Command Se-
lect Address
Power On Default State
Register Name
Register Function
<P7:P0> hex
<D7:D0> binary
<D7:D0> deci-
mal
5Ch-6Fh and
F0h-FDh
Reserved for Future Use
FEh
0000 0001
1
RMID
Read Manufacturers ID
FFh
RSR
Read Stepping or Die
Revision Code
2.2 LOCAL and D1, D2 and D3 REMOTE TEMPERATURE REGISTERS (LT, D1RT, D2RT, and D3RT)
(Read Only Address 00h, 01h, 30h and 31h):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: Temperature Data. One LSB = 1˚C. Two’s complement format.
2.3 STATUS REGISTERS 1 and 2
2.3.1 Status Register 1 (SR1) (Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
0
LHIGH
0
D2RHIGH
0
D2OPEN
D2CRIT
LCRIT
Power up default is with all bits “0” (zero).
D0: LCRIT: When set to a 1 indicates an Local Critical Temperature alarm.
D1: D2CRIT: When set to a 1 indicates a Remote Diode 2 Critical Temperature alarm.
D2: D2OPEN: When set to 1 indicates a Remote Diode 2 disconnect.
D4: D2RHIGH: When set to 1 indicates a Remote Diode 2 HIGH Temperature alarm.
D6: LHIGH: When set to 1 indicates a Local HIGH Temperature alarm.
D7, D5, and D3: These bits are always set to 0 and reserved for future use.
Status Register 2
2.3.2 Status Register 2 (SR2) (Read Only Address 35h):
D7
D6
D5
D4
D3
D2
D1
D0
D1RHIGH
0
D1OPEN
D3RHIGH
0
D3OPEN
D3CRIT
D1CRIT
Power up default is with all bits “0” (zero).
D0: D1CRIT, when set to 1 indicates a Remote Diode 1 Critical Temperature alarm.
D1: D3CRIT, when set to 1 indicates a Remote Diode 3 Critical Temperature alarm.
D2: D3OPEN, when set to 1 indicates a Remote Diode 3 disconnect.
D4: D3RHIGH, when set to 1 indicates a Remote Diode 3 HIGH Temperature alarm.
D5: D1OPEN, when set to 1 indicates a Remote Diode 1 disconnect.
D7: D1RHIGH, when set to 1 indicates a Remote Diode 1
HIGH Temperature alarm.
D6, and D3: These bits are always set to 0 and reserved for future use.
2.4 MANUFACTURERS ID REGISTER
(Read Address FEh) Default value 01h.
2.5 CONFIGURATION REGISTER
(Read Address 03h/Write Address 09h):
D7
D6
D5
D4
D3
D2
D1
D0
INT mask
0D1
T_CRIT_A
mask
D2
T_CRIT_A
mask
D3
T_CRIT_A
mask
Local
T_CRIT_A
mask
INT Inversion
0
Power up default is with all bits “0” (zero).
D7: INT mask: When set to 1 INT interrupts are masked.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com