Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSC11004 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # PSC11004
Description  MODEL PSC - PROCESS SETPOINT CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PSC11004 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  PSC11004 Datasheet HTML 1Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 2Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 3Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 4Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 5Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 6Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 7Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
DSP
PAR
%PW
PGM
MAN
OP1
AL1
AL2
.40
1.95
3.80
(96.5)
(10.2)
3.60
(91.4)
5.29
5.41
1.75
(44.4)
(134.4)
(137.4)
(49.5)
1.77
(45 )
3.62
(92 )
+.02
-.00
+.6
-.0
+.03
-.00
+.8
-.0
SETPOINT PROGRAM CONTROLLER FOR TIME VS. PROCESS
(RAMP/SOAK) AND SPECIAL BATCH/RECIPE APPLICATIONS
ADVANCED PROGRAM PROFILING IN A 1/8 DIN PACKAGE
ON-LINE MONITORING AND CONTROL OF PROGRAM STATUS,
TIME, AND SETPOINT VALUE (Profile Run, Pause, Stop, Advance,
Modify Time, & Setpoint Value)
AUTOMATIC PROGRAM DELAY FOR PROFILE CONFORMITY,
PLUS PROGRAM LINKING, REPEATING AND AUTO POWER-ON
FUNCTIONS FOR ENHANCED CAPABILITY
DUAL EVENT OUTPUTS FOR TIMED ACTIVATION OF PROCESS
EQUIPMENT SUCH AS STIRRERS, FANS, HEATERS, ETC. (Uses
Alarm Output Channels)
FOUR SETPOINT & PID PARAMETER SETS FOR QUICK RECALL
OF SETPOINTS AND/OR GAIN VALUES DURING BATCH OR
PROCESS CHANGEOVER
PROGRAMMABLE USER INPUT FOR CONTROLLER AND
SETPOINT PROGRAM CONTROL
100 MSEC SAMPLING PERIOD WITH 0.15% ACCURACY
ON DEMAND AUTO-TUNING OF PID CONTROL SETTINGS
DUAL LED DISPLAYS FOR SIMULTANEOUS INDICATION OF
PROCESS AND SETPOINT OR PROCESS AND PROFILE STATUS
ACCEPTS EITHER 0 to 10 VDC OR 4 to 20 mA DC INPUT SIGNAL
FIELD REPLACEABLE AND INTERCHANGEABLE OUTPUT
MODULES (Relay, Logic/SSR drive, and Triac)
OPTIONAL DUAL ALARM OUTPUTS (Uses Output Modules)
OPTIONAL SECONDARY OUTPUT (Uses Output Module)
OPTIONAL LINEAR 4 to 20 mA OR 0 to 10 VDC OUTPUT FOR
CONTROL OR PROCESS RE-TRANSMISSION
OPTIONAL RS485 SERIAL COMMUNICATIONS INTERFACE
OPTIONAL TYPE 4X/IP65 SEALED FRONT BEZEL
DESCRIPTION
The PSC is a setpoint controller suitable for time vs. process control
applications. The PSC Controller accepts either a 0 to 10 VDC or a 4 to 20 mA
DC input signal, precisely scales the process signal, according to programmable
scaling points, and provides an accurate output control signal (time proportional
or linear) to maintain a process at the desired control point. A comprehensive set
of easy to use steps allows the controller to satisfy various applications. The user
input can be programmed to perform a variety of controller functions.
Dual 4-digit displays allow viewing of the measured process value and
setpoint or the process and profile status simultaneously. Front panel indicators
inform the operator of controller status and output states. Replaceable output
modules (Relay, logic/SSR drive or Triac) can be fitted to the main control
output, alarm output(s) or timed event output(s), and secondary output.
The PSC has been designed to simplify the set-up and operation of a
controlled setpoint profile program. The setpoint program is easily entered and
controlled through the front panel. Full display capabilities keep the operator
informed of the process value, profile status, output states, and setpoint value.
The controller can operate in the standard PID control mode for both Output
1 and Output 2 with on-demand auto-tune which establishes the PID gain set.
The PID gain set can be fine tuned by the operator at any time or may be locked
from further modification. The unit can be transferred to the manual control
mode providing the operator with direct control of the output.
The PSC features four programs or profile recipes, each with up to eight
ramp/soak segments, which can be easily stored and executed at any time.
Longer profiles can be achieved by linking one or more profiles together,
creating a single profile of up to 32 ramp/soak segments. Process profile
conformity is assured during either soak (hold) phases or both ramp and hold
phases by an adjustable error band parameter. The program repeat function
cycles the profile either continuously or a set number of times. Power-on options
automatically re-start, stop, or resume a running profile. The profile can be
controlled via the front panel buttons, the user input, or the optional serial
communications port.
MODEL PSC - PROCESS SETPOINT CONTROLLER
DIMENSIONS In inches (mm)
Note: Recommended minimum clearance (behind the panel) for mounting clip installation is 5.5" (140) H x 2.1" (53.4) W.
Bulletin No. PSC-C
Drawing No. LP0315
Released 08/13
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
C
US LISTED
UL
R
51EB
IND. CONT. EQ.
PANEL CUT-OUT


Similar Part No. - PSC11004

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PSC11 BELDEN-PSC11 Datasheet
236Kb / 1P
Belden Cable Strip Tools create a perfect cable prep every time.
More results

Similar Description - PSC11004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD596 AD-AD596 Datasheet
202Kb / 8P
Thermocouple Conditioner and Setpoint Controller
ADT14 AD-ADT14 Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
Thermocouple Conditioner and Setpoint Controller
REV. B
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
logo
Red Lion Controls. Inc
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com