Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSC11004 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # PSC11004
Description  MODEL PSC - PROCESS SETPOINT CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PSC11004 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  PSC11004 Datasheet HTML 1Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 2Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 3Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 4Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 5Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 6Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 7Page - Red Lion Controls. Inc PSC11004 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SPECIFICATIONS (Cont’d)
13. ALARMS (Optional):
Hardware: Plug-in, replaceable output module.
Modes: Absolute high acting
Absolute low acting
Deviation high acting
Deviation low acting
Inside band acting
Outside band acting
Timed event output(s)
Reset Action: Programmable; automatic or latched.
Delay: Programmable; enable or disable.
Hysteresis: Programmable.
Annunciator: LED backlight for “AL1”, “AL2”, (Alarm #2 not available
with secondary output).
14. SERIAL COMMUNICATIONS (Optional):
Type: RS485 Multi-point, Balanced Interface.
Communication Format:
Baud Rate: Programmable from 300 to 9600.
Parity: Programmable for odd, even, or no parity.
Frame: 1 start bit, 7 data bits, 1 or no parity bit, 1 stop bit.
Unit Address: Programmable from 0-99, max. of 32 units per line.
Transmit Delay: 100 msec min., 200 msec max.
RS485 Common: Isolated from signal input common.
Auto Print Time: Off to 9999 seconds between print-outs.
15. USER INPUT: VIN MAX = 5.25 VDC, VIL = 0.85 VMAX; VIH = 2.0 VMIN
Response time: 100 msec max.
Functions:
Program Lock
Print Request
Integral Action Lock
Load Control Point
Auto/Manual Transfer
Run/Hold Profile 1
Setpoint Ramp Select
Run/Stop Profile 1
Reset Alarms
16. ENVIRONMENTAL CONDITIONS:
Operating Temperature Range: 0° to 50°C
Storage Temperature Range: -40° to 80°C
Vibration to IEC 68-2-6: Operational 5-150 Hz, 1 g
Shock to IEC 68-2-27: Operational 5 g
Span Drift: 90 ppm/°C
Zero Drift: 0 to 10 VDC Range - 0.2 mV/°C
4 to 20 mA DC Range - 0.5 µA/°C
Relative Humidity: Less than 85% RH (non-condensing)
Altitude: Up to 2000 meters
17. CERTIFICATIONS AND COMPLIANCES:
CE Approved
EN 61326-1 Immunity to Industrial Locations
Emission CISPR 11 Class A
EN 61010-1
RoHS Compliant
UL Recognized Component: File #E156876
UL Listed: File #E137808
Type 2 Enclosure rating (Face only) for PSC0
Type 4X/IP65 Enclosure rating (Face only) for PSC1
Refer to EMC Installation Guidelines section of the manual for additional
information.
18. CONNECTION: Jaw-type terminal block.
19. CONSTRUCTION:
Front Panel: Flame and scratch resistant tinted plastic.
Case: High impact black plastic. (Mounting collar included).
Type 4X/IP65 model only: Sealed bezel utilizing 2 captive mounting screws
(panel gasket included). This unit is rated for Type 4X/IP65 indoor use.
Installation Category II, Pollution Degree 2.
20. WEIGHT: 1.3 lbs. (0.6 kgs)
BASIC OPERATION
The PSC controls the process profile of a system by measuring the input
signal, comparing it to the setpoint value of the profile in progress, and
calculates the new output power value by use of a modified PID control
algorithm. The unit controls the system with the new output power value so the
process value conforms to the profile. The PID control algorithm incorporates
features which provide high control accuracy and low disturbance overshoot.
FRONT PANEL FEATURES
In the normal display mode, the unit will display the scaled process value in
the upper display. One of five other parameters may be selected for viewing in
the lower display:
Target setpoint
% Output Power
Profile Status
Profile phase time remaining
Blank the lower display.
The profile status display indicates the active program number with the
current ramp or hold phase of the program. The profile can be started, stopped,
advanced, etc., from the front panel when the profile status display is viewed, if
not locked from access.
The phase time remaining display, shows the time remaining in a ramp or hold
phase and, if not locked from access, may be changed on-line to effect temporary
changes to the profile. Additionally, the target setpoint and % output power
(manual mode only) may also be changed on-line or locked from operator access.
From the normal operating mode, parameters are selected by use of the PAR
button and modified by use of the UP and DOWN buttons. Parameters are then
entered by the PAR button, which advances the user to the next parameter.
Pressing the DSP button immediately returns the controller to the normal
operating mode from any parameter module. The controller configuration and
parameter settings are stored in an internal E2PROM device.
HARDWARE FEATURES
The fast 100 msec input sampling rate provides quick controller response to
a process disturbance for excellent process control. Measurement accuracy of
0.15% provides closer process control conforming to the desired control setpoint
value.
The unit will accept either a 0 to 10 VDC or a 4 to 20 mADC input signal.
The A.C. input power is switch selectable, allowing the unit to operate from
either 115 VAC or 230 VAC. Since the controller is serviceable from the front
of the panel, the output modules may be easily changed or replaced without
disturbing the wiring behind the panel and
NO re-programming is required. The
standard model simply requires pressing a
latch to remove the unit. The Type 4X/IP65
rated model utilizes two panel securing
screws and a neoprene gasket to guarantee
a water tight seal, when properly installed.
Low-drift, highly stable circuit design
ensures years of reliable and accurate
process control. The recommended two
year re-calibration interval is easily
accomplished via the programming menu.
DSP
PAR
%PW
PGM
MAN
OP1
AL1
AL2
Type 4X/IP65 BEZEL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com