Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8772 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8772
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8772 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8772 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
w
WM8772
24-bit, 192kHz 6-Channel Codec with Volume Control
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Production Data, October 2004, Rev 4.1
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8772 is a multi-channel audio codec ideal for DVD
and surround sound processing applications for home hi-fi,
automotive and other audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used. Digital
audio output word lengths from 16-32 bits and sampling
rates from 32kHz to 96kHz are supported. The 32-lead
version allows separate ADC and DAC samples rates.
Three stereo 24-bit multi-bit sigma delta DACs are used
with oversampling digital interpolation filters. Digital audio
input word lengths from 16-32 bits and sampling rates from
8kHz to 192kHz are supported. Each DAC channel has
independent digital volume and mute control.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats.
The device is controlled via a 3 wire serial interface. The
interface provides access to all features including channel
selection, volume controls, mutes, de-emphasis and power
management facilities. The device is available in a 28-pin
SSOP or 32 pin TQFP.
FEATURES
Audio Performance
103dB SNR (‘A’ weighted @ 48kHz) DAC
100dB SNR (‘A’ weighted @ 48kHz) ADC (TQFP)
DAC Sampling Frequency: 8kHz – 192kHz
ADC Sampling Frequency: 32kHz – 96kHz
ADC and DAC can run at different sample rates (32 pin
TQFP version only)
3-Wire SPI Serial or Hardware Control Interface
Programmable Audio Data Interface Modes
I
2S, Left, Right Justified or DSP
16/20/24/32 bit Word Lengths
Three Independent stereo DAC outputs with independent
digital volume controls
Master or Slave Audio Data Interface
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
28 pin SSOP or 32 pin TQFP Package
APPLICATIONS
DVD Players
Surround Sound AV Processors and Hi-Fi systems
Automotive Audio
BLOCK DIAGRAM - 28 PIN SSOP
VOUT1L
VOUT1R
VOUT2L
VOUT2R
VOUT3L
VOUT3R
STEREO
ADC
AUDIO
INTERFACE
&
DIGITAL FILTERS
VREFP
STEREO
DAC
STEREO
DAC
AINL
AINR
CONTROL INTERFACE
WM8772EDS
LOW
PASS
FILTER
LOW
PASS
FILTER
LOW
PASS
FILTER
STEREO
DAC
VREFN
W
VREFN


Similar Part No. - WM8772

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8772 WOLFSON-WM8772 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772SEDS/RV WOLFSON-WM8772SEDS/RV Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772SEDS/V WOLFSON-WM8772SEDS/V Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
More results

Similar Description - WM8772

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com