Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN170N10 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN170N10
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN170N10 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN170N10 Datasheet HTML 1Page - IXYS Corporation IXFN170N10 Datasheet HTML 2Page - IXYS Corporation IXFN170N10 Datasheet HTML 3Page - IXYS Corporation IXFN170N10 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
T
C - Degrees C
-50 -25
0
25
50
75
100 125 150
0
25
50
75
100
125
150
175
200
V
DS - Volts
0
2
468
10
0
50
100
150
200
250
300
V
GS - Volts
0246
8
10
0
20
40
60
80
100
T
J - Degrees C
25
50
75
100
125
150
1.0
1.2
1.4
1.6
1.8
2.0
2.2
I
D=85A
I
D - Amperes
0
50
100
150
200
250
300
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
DS - Volts
02468
10
0
50
100
150
200
250
300
5V
V
GS = 10V
V
GS=10V
9V
8V
7V
T
J=125
OC
V
GS=10V
T
J=25
OC
6V
6V
5V
T
J = 25
oC
I
D=170A
T
J = 25
OC
T
J = 125
oC
V
GS=10V
9V
T
J = 125
OC
7V
8V
IXFK170N10
IXFN170N10
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 3. R
DS(on) normalized to 0.5 ID25
value vs. I
D
Figure 4. R
DS(on) normalized to 0.5 ID25
value vs. T
J
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com