Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN170N10 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN170N10
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN170N10 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN170N10 Datasheet HTML 1Page - IXYS Corporation IXFN170N10 Datasheet HTML 2Page - IXYS Corporation IXFN170N10 Datasheet HTML 3Page - IXYS Corporation IXFN170N10 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
V
DS - Volts
11 0
1 00
1
10
100
Pulse Width - Seconds
10-3
10-2
10-1
100
101
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
V
DS - Volts
0
10
203040
0
3000
6000
9000
12000
15000
18000
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
200
250
300
Gate Charge - nC
0
100
200
300
400
500
600
0
2
4
6
8
10
12
Crss
Coss
Ciss
Vds= 50V
I
D= 85A
I
G=10mA
f = 1MHz
170
T
C = 25
OC
10
ms
1 ms
100
ms
DC
T
J = 125
OC
T
J = 25
OC
IXFK170N10
IXFN170N10
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the Intrinsic Diode
Figure 11. Transient Thermal Resistance
Figure10. Forward Bias Safe Operating Area



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com