Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMBD4448 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IMBD4448
Description  Small Signal Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMBD4448 Datasheet(HTML) 1 Page - Vishay Siliconix

  IMBD4448 Datasheet HTML 1Page - Vishay Siliconix IMBD4448 Datasheet HTML 2Page - Vishay Siliconix IMBD4448 Datasheet HTML 3Page - Vishay Siliconix IMBD4448 Datasheet HTML 4Page - Vishay Siliconix IMBD4448 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IMBD4448
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 15-May-13
1
Document Number: 85732
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diode
MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.8 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• Silicon epitaxial planar diode
• Fast switching diode in case SOT-23, especially
suited for automatic insertion.
• AEC-Q101 qualified
• Base P/N-E3 - RoHS-compliant, commercial
grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Device on fiberglass substrate, see layout on next page.
12
3
PARTS TABLE
PART
ORDERING CODE
INTERNAL CONSTRUCTION
TYPE MARKING
REMARKS
IMBD4448
IMBD4448-E3-08 or IMBD4448-E3-18
Single diode
A3
Tape and reel
IMBD4448-HE3-08 or IMBD4448-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
75
V
Peak reverse voltage
VRM
100
V
Rectified current (average) half wave
rectification with resistive load (1)
f
 50 Hz
IF(AV)
150
mA
Surge forward current
t < 1 s and TJ = 25 °C
IFSM
500
mA
Power dissipation (1)
Ptot
350
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
450
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Operating temperature range
Top
- 55 to + 150
°C


Similar Part No. - IMBD4448

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
IMBD4448 GE-IMBD4448 Datasheet
151Kb / 4P
Small Signal Diodes
logo
Vishay Siliconix
IMBD4448 VISHAY-IMBD4448 Datasheet
104Kb / 5P
Small Signal Switching Diode
13-Feb-18
IMBD4448-E3-08 VISHAY-IMBD4448-E3-08 Datasheet
104Kb / 5P
Small Signal Switching Diode
13-Feb-18
IMBD4448-E3-18 VISHAY-IMBD4448-E3-18 Datasheet
104Kb / 5P
Small Signal Switching Diode
13-Feb-18
IMBD4448-G VISHAY-IMBD4448-G Datasheet
100Kb / 5P
Small Signal Switching Diode
15-May-13
More results

Similar Description - IMBD4448

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com