Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMBD4448 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IMBD4448
Description  Small Signal Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMBD4448 Datasheet(HTML) 3 Page - Vishay Siliconix

  IMBD4448 Datasheet HTML 1Page - Vishay Siliconix IMBD4448 Datasheet HTML 2Page - Vishay Siliconix IMBD4448 Datasheet HTML 3Page - Vishay Siliconix IMBD4448 Datasheet HTML 4Page - Vishay Siliconix IMBD4448 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IMBD4448
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 15-May-13
3
Document Number: 85732
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 4 - Relative Capacitance vs. Reverse Voltage
Fig. 5 - Admissible Repetitive Peak Forward Current vs. Pulse Duration
200
18663
Tamb -Ambient Temperature ( °C)
500
400
300
200
100
20 40 60 80 100 120 140 160180
0
0
18664
2468
0
1.1
1.0
0.9
0.8
0.7
10
VR - Reverse Voltage (V)
=25
°C
Tj
f=1MHz
ν
/T
T = 1/f
=t pp
I
FRM
t p
T
t
I
ν =0
0. 1
0. 2
0. 5
10
10
1
-1
100
10
1
-5
10
10
-4
10 -3
10 -2
18709
tp -Pulse Length (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com