Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TTL-232RG-VIP-WE Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # TTL-232RG-VIP-WE
Description  TTL to USB Serial Converter Generic Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232RG-VIP-WE Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  TTL-232RG-VIP-WE Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright © Future Technology Devices International Limited
2
Document Reference No.: FT_000188
TTL TO USB SERIAL CONVERTER GENERIC CABLES Datasheet
Version 1.4
Clearance No.: FTDI# 129
1.1 Available Cables and Part Numbers
The following Table 1.1 gives details of the available TTL-232RG generic cables.
Part Number
Description
End Connector*
Cable details
TTL-232RG-
VSW3V3-WE
USB to UART cable with +3.3V TTL
level UART signals. Maximum output
of 50mA on VCC
(see Note 1 and Note 4)
Wire Ended (no
connector)
6 core, UL2464 24 AWG,
diam=5mm
TTL-232RG-
VREG3V3-WE
USB to UART cable with +3.3V TTL
level UART signals. Maximum output
of 250mA on VCC
(see Note 2 and 5)
Wire Ended (no
connector)
6 core, UL2464 24 AWG,
diam=5mm
TTL-232RG-
VREG1V8-WE
USB to UART cable with +1.8V TTL
level UART signals. Maximum output
of 100mA on VCC
(see Note 2 and 6)
Wire Ended (no
connector)
6 core, UL2464 24 AWG,
diam=5mm
TTL-232RG-
VSW5V-WE
USB to UART cable with up to 5V TTL
level UART signals. Maximum output
of 450mA on VCC
(see Note 7)
Wire Ended (no
connector)
6 core, UL2464 24 AWG,
diam=5mm
TTL-232RG-VIP-
WE
USB to UART cable with TTL Voltage
levels for the UART signals are
supplied from the customers interface
logic
(see Note 3 and 8)
Wire Ended (no
connector)
6 core, UL2464 24 AWG,
diam=5mm
Table 1.1 TTL-232RG Generic Cables Descriptions and Part Numbers
Note 1: Fixed 3.3V signals and supply.
Note 2: Any regulator from 1.8V to 5V can be used. 1.8V and 3.3V versions are standard products.
Others values are customized at the factory.
Note 3: Any INPUT voltage can be supplied by the customer from 1.8V (min value of VCCIO) to +5.25V
(Max value of VCCIO)
Note 4: The VCC power output signal (RED wire) is 3.3V. The source of 3.3V is the FT232R regulator output, which is
switched onto the power output signal.
Note 5: The VCC power output signal (RED wire) is 3.3V. The source of 3.3V is on board 3.3V regulator output, which
is switched onto the power output signal
Note 6: The VCC power output signal (RED wire) is 1.8V. The source of 1.8V is on board 1.8V regulator output, which
is switched onto the power output signal
Note 7: The VCC power output signal (RED wire) is 5.0V. The source of 5.0V is the USB VBUS input, which is
switched onto the power output signal. At the time of releasing these cables, this cable was not available. It
will become available at a later date. Please contact FTDI Sales for further information.
Note 8: The VCC power input signal (RED wire) is an output from customer electronics, an input to the cable. This
value=i/pV. The source of i/pV is from customer’s interface logic and this is used to drive the VCCIO and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com