Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TTL-232RG-VIP-WE Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # TTL-232RG-VIP-WE
Description  TTL to USB Serial Converter Generic Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232RG-VIP-WE Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button TTL-232RG-VIP-WE Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 9Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 10Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Copyright © Future Technology Devices International Limited
6
Document Reference No.: FT_000188
TTL TO USB SERIAL CONVERTER GENERIC CABLES Datasheet
Version 1.4
Clearance No.: FTDI# 129
2.2 Features
TTL-232RG generic converter cable provides a
USB to TTL Serial interface with various logic
levels.
On board FT232RQ provides single chip USB to
asynchronous serial data transfer interface.
Entire USB protocol handled by the electronics
in the cable USB.
Connect directly to a microcontroller UART or
I/O pins.
UART interface support for 7 or 8 data bits, 1
or 2 stop bits and odd / even / mark / space /
no parity.
Fully assisted hardware (RTS#/CTS#) or X-On
/ X-Off software handshaking.
Data transfer rates from 300 baud to 3 Mbaud
at TTL levels.
Internal EEPROM with user writeable area.
Wide range of output drive voltages 1.8V to
5.0V safe TTL inputs makes the TTL-232RG
easy to interface to 5.0V MCU’s.
FTDI’s royalty-free VCP allow for
communication as a standard emulated COM
port and D2XX ‘direct’ drivers provide DLL
application programming interface.
Support for FT232R FTDIChip-ID™ feature for
improved security.
Voltage output power allows external logic to
be powered from the USB port.
Cable can be used to accept IO voltage from
application interface logic allowing users to
supply IO voltage levels.
6 way outputs provide Tx, Rx, RTS#, CTS#,
VCC and GND.
Low USB bandwidth consumption.
UHCI / OHCI / EHCI host controller compatible.
USB 2.0 (12Mb/s) Full Speed compatible.
-40°C to +85°C operating temperature range.
Cable length is 1.80m (6 feet).
FCC and CE compliant.
Custom versions also available (subject to
MOQ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com