Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5451 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS5451
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS5451 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS5451 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CS5451
DS458PP4
3
1.
CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = -40 °C to +85 °C; +2.7V < VA+ < +3.5V; +2.7V < VD+ < +3.5V;
VA- = -2 V ±10%; External VREF+ = 1.2 V; XIN = 4.000 MHz; AGND, DGND = 0.0V.)(See Notes 1 and 2)
Notes: 1. Specifications guaranteed by design, characterization, and/or test.
2. Analog signals are relative to AGND and digital signals to DGND unless otherwise noted.
3. Effective Input Impedance (EII) varies with clock frequency (XIN) and Input Capacitance (IC)
EII = 1/(IC*XIN/4)
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy (All Channels)
Total Harmonic Distortion
THD
74
-
-
dB
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Common Mode + Signal on Input
VA-
-
VA+
V
Input Sampling Rate
-
XIN/4
-
Hz
Analog Inputs (Current Channels)
Differential Input Voltage Range
Gain=20
[ For example: (vIIN1+) - (vIIN1-) ]
Gain=1
IIN
-
-
±40
±800
-
-
mV
mV
Bipolar Offset
Gain=20
Gain=1
VOS
VOS
-
-
0.500
10
1
20
mV
mV
Crosstalk (Channel-to-Channel)
(50, 60 Hz)
-
-
-120
dB
Input Capacitance
Gain = 20
Gain = 1
IC
IC
-
-
-
-
20
1
pF
pF
Effective Input Impedance
(Note 3)
Gain=20
Gain=1
EII
EII
50
-
-
500
-
600
k
k
Noise (Referred to Input)
0-60 Hz
Gain=20
Gain=1
0-1 kHz
Gain=20
Gain=1
0-2 kHz
Gain=20
Gain=1
-
-
-
-
-
-
-
-
-
-
-
-
1
20
2.5
50
3.75
75
µVrms
µVrms
µVrms
µVrms
µVrms
µVrms
Analog Inputs (Voltage Channels)
Differential Input Voltage Range
[ For example: (vVIN1+) - (vVIN1-) ]
VIN
-
±800
-
mV
Bipolar Offset
Gain=1
VOS
-
20
25
mV
Crosstalk to any other channel at full-scale
(50, 60 Hz)
-
-
-120
dB
Input Capacitance
IC
-
-
0.2
pF
Effective Input Impedance
(Note 3)
EII
-
3
4
M
Noise (Referred to Input)
0-60 Hz
0-1 kHz
0-2 kHz
-
-
-
-
-
-
20
50
75
µVrms
µVrms
µVrms
Dynamic Characteristics
High Rate Filter Output Word Rate
OWRS = “0”
OWRS = “1”
OWR
OWR
-
-
XIN/2048
XIN/1024
-
-
Hz
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com