Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSGRF Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPSGRF Datasheet HTML 2Page - STMicroelectronics SPSGRF Datasheet HTML 3Page - STMicroelectronics SPSGRF Datasheet HTML 4Page - STMicroelectronics SPSGRF Datasheet HTML 5Page - STMicroelectronics SPSGRF Datasheet HTML 6Page - STMicroelectronics SPSGRF Datasheet HTML 7Page - STMicroelectronics SPSGRF Datasheet HTML 8Page - STMicroelectronics SPSGRF Datasheet HTML 9Page - STMicroelectronics SPSGRF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Hardware specifications
SPSGRF
6/23
DocID027664 Rev 5
3.4
Module RF compliance limits
The RF compliance limits are those tested for FCC, IC and CE certification using the
dedicated dongle (PC92A.V01). These limits are enforced by the dongle firmware. Care
must be taken with custom application firmware to ensure these limits are not exceeded,
voiding the FCC, IC and CE certification.
Table 4. SPSGRF-915 module
Symbol
Parameter
Test conditions
Typ.
Unit
IDD
Supply current
Operating mode
Tx, +11.6 dBm, 2-FSK, 915 MHz
22
mA
Operating mode
Tx, - 7 dBm, 2-FSK, 915 MHz
9mA
Operating mode Rx, 915 MHz
10
mA
Command mode
0.6
mA
Shutdown high level -VDD
(with other I/O in high impedance)
0.1
µA
Table 5. RF compliance limits table
Modulation
Standards
Parameter
Max.
Unit
2-FSK
GFSK
MSK
FCC Part 15.207 (1)
FCC Part 15.247 (1)
IC RSS-210
EN 300 220-2 V2.4.1 (2)
EN 301 489-01 V1.9.2 (2)
EN 301 489-03 V1.4.1 (2)
1.
FCC and IC standards are applicable only to the SPSGRF-915 module.
2.
EN standards are applicable only to the SPSGRF-868 module.
Data rate
500
kbps
Output power
+11.6
dBm
OOK
ASK
FCC Part 15.207 (1)
FCC Part 15.247 (1)
IC RSS-210
EN 300 220-2 V2.4.1 (2)
EN 301 489-01 V1.9.2 (2)
EN 301 489-03 V1.4.1 (2)
Data rate
250
kbps
Output power
+6
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com