Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSGRF Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 1 Page - STMicroelectronics

  SPSGRF Datasheet HTML 1Page - STMicroelectronics SPSGRF Datasheet HTML 2Page - STMicroelectronics SPSGRF Datasheet HTML 3Page - STMicroelectronics SPSGRF Datasheet HTML 4Page - STMicroelectronics SPSGRF Datasheet HTML 5Page - STMicroelectronics SPSGRF Datasheet HTML 6Page - STMicroelectronics SPSGRF Datasheet HTML 7Page - STMicroelectronics SPSGRF Datasheet HTML 8Page - STMicroelectronics SPSGRF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
October 2016
DocID027664 Rev 5
1/23
SPSGRF
Sub-GHz (868 or 915 MHz) low power programmable RF
transceiver modules
Datasheet
- production data
Features
 Programmable radio features
– Based on Sub-1GHz SPIRIT1 transceiver
and integrated Balun (BALF-SPI-01D3)
– Modulation schemes: 2-FSK, GFSK, MSK,
GMSK, OOk, ASK
– Air data rate from 1 to 500 kbps
– On-board antenna
– Operating temperature range from -40 °C
to 85 °C
 RF features
– Receiver sensitivity: -118 dBm
– Programmable RF output power up to
+11.6 dBm
 Host interface
–SPI
 General I/O
– Up to 32 programmable I/O functions on 4
GPIO programmable module pins
 Two typical carrier frequency versions:
– SPSGRF-868 with 868 MHz tuned antenna
– SPSGRF-915 with 915 MHz tuned antenna
Applications
 AMR (automatic meter reading)
 Home and building automation
 WSN (wireless sensor network)
 Industrial monitoring and control
 Wireless fire and security alarm systems
 Point-to-point wireless link
Description
The SPSGRF-868 and SPSGRF-915 are easy-to-
use, low power sub-GHz modules based on the
SPIRIT1 RF transceiver, operating respectively in
the 868 MHz SRD and 915 MHz ISM bands.
The modules provide a complete RF platform in a
tiny form factor.
The SPSGRF series enables wireless
connectivity in electronic devices, requiring no RF
experience or expertise for integration into the
final product. As an FCC, IC, and CE certified
solution, the SPSGRF series optimizes the time-
to-market of end applications. The SPSGRF-915
is an FCC certified module (FCC ID:
S9NSPSGRF) and IC certified (IC 8976C-
SPSGRF), while the SPSGRF-868 is certified
CE0051.
The modules are designed for maximum
performance in minimal space and include 4
programmable I/O pins and SPI serial interfaces.
www.st.com


Similar Part No. - SPSGRF

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SPS LINEAGEPOWER-SPS Datasheet
2Mb / 12P
48V DC Outside Plant and Customer Premise Solution
logo
List of Unclassifed Man...
SPS-01T-110 ETC2-SPS-01T-110 Datasheet
232Kb / 8P
Crimping tools and machines
SPS-01T-110 ETC2-SPS-01T-110 Datasheet
224Kb / 8P
APPLICATION TOOLING
logo
JST Mfg. Co., Ltd.
SPS-01T-110 JST-SPS-01T-110 Datasheet
197Kb / 9P
PS CONNECTOR
SPS-01T-187 JST-SPS-01T-187 Datasheet
22Kb / 1P
CONN QC RCPT 20-26AWG 0.187
More results

Similar Description - SPSGRF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
logo
Microchip Technology
MRF89XAM9A MICROCHIP-MRF89XAM9A_12 Datasheet
623Kb / 36P
915 MHz Ultra Low-Power Sub-GHz Transceiver Module
2011-2012 11/29/12
logo
STMicroelectronics
SP1ML STMICROELECTRONICS-SP1ML Datasheet
777Kb / 27P
SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
26-Jun-2015
STEVAL-SP1ML915 STMICROELECTRONICS-STEVAL-SP1ML915 Datasheet
281Kb / 9P
USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
January 2015 Rev 1
logo
Microchip Technology
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
ISM 868 / 915 MHz ANTENNA
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com