Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST95HF Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 8Page - STMicroelectronics ST95HF Datasheet HTML 9Page - STMicroelectronics ST95HF Datasheet HTML 10Page - STMicroelectronics ST95HF Datasheet HTML 11Page - STMicroelectronics ST95HF Datasheet HTML 12Page - STMicroelectronics ST95HF Datasheet HTML 13Page - STMicroelectronics ST95HF Datasheet HTML 14Page - STMicroelectronics ST95HF Datasheet HTML 15Page - STMicroelectronics ST95HF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
Power management and operating modes
ST95HF
12/93
DocID025630 Rev 4
3
Power management and operating modes
3.1
Operating modes
The ST95HF has 2 operating modes: Wait for Event (WFE) and Active. In Active mode, the
ST95HF communicates actively with a tag or an external host (an MCU, for example). WFE
mode includes four low consumption states: Power-up, Hibernate, Sleep/Field Detector and
Tag Detector.
The ST95HF can switch from one mode to another.
Hibernate, Tag Detector, and Sleep/Field Detector states can only be activated by a
command from the external host. As soon as any of these three states are activated, the
ST95HF can no longer communicate with the external host. It can only be woken up.
The behavior of the ST95HF in 'Tag Detector' state is defined by the Idle command.
Table 3. ST95HF operating modes and states
Mode
State
Description
Wait For
Event
(WFE)
Power-up
This mode is accessible directly after POR.
Low level on IRQ_IN pin (longer than 10 µs) is the only wakeup
source. LFO (low-frequency oscillator) is running in this state.
Hibernate
Lowest power consumption state. The ST95HF has to be woken-up
in order to communicate. Low level on IRQ_IN pin (longer than 10
µs) is the only wakeup source.
Sleep/Field
Detector
Low power consumption state. Wakeup source is configurable:
–Timer
–IRQ_IN pin
– SPI_SS pin
– Field Detector
LFO (low-frequency oscillator) is running in this state.
Tag Detector
Low power consumption state with tag detection. Wakeup source is
configurable:
–Timer
–IRQ_IN pin
– SPI_SS pin
– Tag detector
LFO (low-frequency oscillator) is running in this state.
Active
Ready
In this mode, the RF is OFF and the ST95HF waits for a command
(PROTOCOLSELECT, ...) from the external host via the selected serial
interface (SPI).
Reader
The ST95HF can communicate with a tag using the selected protocol
or with an external host using the SPI interface.
Card Emulation
The ST95HF can communicate as a Card or Tag with an external
reader. The Card or Tag application is located in the Host and
communicates with the ST95HF via the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com