Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST95HF Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 39Page - STMicroelectronics ST95HF Datasheet HTML 40Page - STMicroelectronics ST95HF Datasheet HTML 41Page - STMicroelectronics ST95HF Datasheet HTML 42Page - STMicroelectronics ST95HF Datasheet HTML 43Page - STMicroelectronics ST95HF Datasheet HTML 44Page - STMicroelectronics ST95HF Datasheet HTML 45Page - STMicroelectronics ST95HF Datasheet HTML 46Page - STMicroelectronics ST95HF Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
DocID025630 Rev 4
43/93
ST95HF
Commands
92
5.11
Write Register (WrReg) command (0x09) description
The Write Register (WRREG) command (0x09) is used to:
set the Analog Register Configuration address index value before reading or
overwriting the Analog Register Configuration register (ARC_B) value
set the Analog Register Configuration register (ACC_A) value
Bits [7:6] are ST Reserved and must be set to ‘0’
Bits [5:4] set the Demodulator Sensitivity (‘00’ = AM 10% or ‘10’ = AM 100%)
Bits [3:0] set the Load Modulation Index (‘0001’ = minimum load modulation, ‘0111’
= default value, ‘1111’ = maximum load modulation). The user can adjust this value
to better fit his application.
set the Timer Window (TimerW) value used to improve ST95HF demodulation when
communicating with ISO/IEC 14443 Type A tags
set the AutoDetect Filter used to help synchronization of ST95HF with ISO/IEC 18092
tags
configure the HF2RF bit(a) to manage ICC RF (VPS_TX) consumption in Ready state
5.11.1
Improving RF performance
Adjusting the Modulation Index and Receiver Gain parameters in Reader mode or the Load
Modulation Index and Demodulator Sensitivity parameters in Card Emulation mode helps
improve application behavior.
Modulation Index and Receiver Gain parameters for Reader mode
The default values of these parameters (Table 35) are set by the PROTOCOLSELECT command,
but they can be overwritten using the Write Register (WRREG) command (0x09). Table 31
and Table 32 list possible values for the Modulation Index and Receiver Gain parameters,
respectively.
This new configuration is valid until a new PROTOCOLSELECT or Write Register (of register
ARC_B) command is executed. Register values are cleared at power off.
a. When the HF2RF bit is ‘0’, Reader mode is possible (default mode). When set to ‘1’, VPS_TX power
consumption is reduced (Ready mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com