Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS4C64M16D3A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C64M16D3A
Description  96 ball FBGA PACKAGE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16D3A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C64M16D3A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M16D3A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M16D3A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M16D3A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M16D3A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M16D3A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M16D3A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M16D3A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M16D3A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
Features
• JEDEC Standard Compliant
• Power supplies: VDD & VDDQ = +1.5V ± 0.075V
• Operating temperature:
• Supports JEDEC clock jitter specification
• Fully synchronous operation
• Fast clock rate: 800MHz
• Differential Clock, CK & CK#
• Bidirectional differential data strobe
- DQS & DQS#
• 8 internal banks for concurrent operation
• 8n-bit prefetch architecture
• Pipelined internal architecture
• Precharge & active power down
• Programmable Mode & Extended Mode registers
• Additive Latency (AL): 0, CL-1, CL-2
• Programmable Burst lengths: 4, 8
• Burst type: Sequential / Interleave
• Output Driver Impedance Control
• 8192 refresh cycles / 64ms
• Write Leveling
• ZQ Calibration
• Dynamic ODT (Rtt_Nom & Rtt_WR)
• RoHS compliant
• Auto Refresh and Self Refresh
• 96-ball 8 x 13 x 1.0mm FBGA package
- Pb and Halogen Free
Overview
The 1Gb Double-Data-Rate-3 DRAMs is double data
rate architecture to achieve high-speed operation. It is
internally configured as an eight bank DRAM.
The 1Gb chip is organized as 8Mbit x 16 I/Os x 8
bank devices. These synchronous devices achieve
high speed double-data-rate transfer rates of up to
1
600 Mb/sec/pin for general applications.
The chip is designed to comply with all key DDR3
DRAM key features and all of the control and address
inputs are synchronized with a pair of externally
supplied differential clocks. Inputs are latched at the
cross point of differential clocks (CK rising and CK#
falling). All I/Os are synchronized with differential DQS
pair in a source synchronous fashion.
These devices operate with a single 1.5V ± 0.075V
power supply and are available in BGA packages.
Table1.OrderingInformation
Product part No
Org
Temperature
Max Clock (MHz)
AS4C6
4M16D3A-12BCN
64M x 16
Commercial 0°C to 95°C
800
Package
96-ball FBGA
Table2.SpeedGradeInformation
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR3-1600
800 MHz
11
13.75
13.75
AS4C6
4M16D3A-12BIN
64M x 16
Industrial -40°C to 95°C
800
96-ball FBGA
AS4C64M16D3A-12BIN
AS4C64M16D3A-12BCN
Confidential
- 2/86 -
Rev.1.0 Aug.2016
Commercial: 0°C to 95°C (TC)
Industrial :-40°C to 95°C (TC)
- Average refresh period
7.8μs @ -40
℃ ≦TC≦ +85℃
3.9μs @ +85
℃ <TC≦ +95℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com