Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM8T141 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 3Page - STMicroelectronics STM8T141 Datasheet HTML 4Page - STMicroelectronics STM8T141 Datasheet HTML 5Page - STMicroelectronics STM8T141 Datasheet HTML 6Page - STMicroelectronics STM8T141 Datasheet HTML 7Page - STMicroelectronics STM8T141 Datasheet HTML 8Page - STMicroelectronics STM8T141 Datasheet HTML 9Page - STMicroelectronics STM8T141 Datasheet HTML 10Page - STMicroelectronics STM8T141 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
STM8T141
Description
Doc ID 15699 Rev 7
7/50
1
Description
The STM8T141 is a ProxSense™ single-channel, fully integrated, charge-transfer,
capacitive sensor that is designed to replace conventional electromechanical switches in
cost-sensitive applications.
The STM8T141 is offered in 8-pin packages and is ideally suited for 1-button applications. It
can be configured either in touch or proximity sensing mode for wake-up or backlighting on
actuation.
The extremely low current consumption makes it an ideal solution for battery-powered
applications.
The device features an internal voltage regulator to enhance detection sensitivity and
stability.
The STM8T141 touchpad can sense through almost any dielectric and can thereby contain
the electronics in a sealed environment.
The STM8T141 also incorporates the advantages of using a driven shielding capability. This
makes it possible to separate the sealed electronics from the sensing electrode. The shield
feature enables the designer to protect part of the sensing element from unwanted
environmental interference and enhances proximity detection when used with battery (DC)
applications.
Note:
ProxSense™ is a trademark of Azoteq.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com