Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM8T141 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 7Page - STMicroelectronics STM8T141 Datasheet HTML 8Page - STMicroelectronics STM8T141 Datasheet HTML 9Page - STMicroelectronics STM8T141 Datasheet HTML 10Page - STMicroelectronics STM8T141 Datasheet HTML 11Page - STMicroelectronics STM8T141 Datasheet HTML 12Page - STMicroelectronics STM8T141 Datasheet HTML 13Page - STMicroelectronics STM8T141 Datasheet HTML 14Page - STMicroelectronics STM8T141 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
STM8T141
STM8T ProxSense technology
Doc ID 15699 Rev 7
11/50
Figure 5.
STM8T measuring circuitry
1.
RX must be placed as close as possible to the STM8T device.
The principle of charge transfer is to charge the electrode capacitance (CX) using a stable
power supply. When CX is fully charged, part of the accumulated charge is transferred from
CX to an external sampling capacitance, referred to as CS. The transfer cycle is repeated
until the voltage across the sampling capacitor CS reaches the end of acquisition reference
voltage (VTRIP). The change in the electrode capacitance is detected by measuring the
number of transfer cycles composing a burst (see Figure 6).
Throughout this document the following naming conventions apply:
The charge transfer period (
tTRANSFER) refers to the charging of CX and the
subsequent transfer of the charge to CS.
The burst cycle duration (tBURST) is the time required to charge CS to VTRIP.
The sampling period (tSAMPLING) is the acquisition rate.
Figure 6.
Conversion period examples
Ai15249a
CX
Cx (~20 pF)
CT (~5 pF)
Earth
Serial resistor (RX)(1)
STM8T141
CS
CS (a few nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com