Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STF7N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF7N60M2
Description  Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF7N60M2 Datasheet HTML 3Page - STMicroelectronics STF7N60M2 Datasheet HTML 4Page - STMicroelectronics STF7N60M2 Datasheet HTML 5Page - STMicroelectronics STF7N60M2 Datasheet HTML 6Page - STMicroelectronics STF7N60M2 Datasheet HTML 7Page - STMicroelectronics STF7N60M2 Datasheet HTML 8Page - STMicroelectronics STF7N60M2 Datasheet HTML 9Page - STMicroelectronics STF7N60M2 Datasheet HTML 10Page - STMicroelectronics STF7N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID024894 Rev 1
7/13
STF7N60M2
Electrical characteristics
13
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage
vs. temperature
Figure 11. Normalized on-resistance vs.
temperature
Figure 12. Drain-source diode forward
characteristics
Figure 13. Normalized VDS vs. temperature
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM15818v1
Eoss
2
1
0
0
VDS(V)
(µJ)
200
100
300
400
500
600
AM15819v1
VGS(th)
0.9
0.8
0.7
0.6
TJ(°C)
(norm)
-50
1.0
ID=250µA
0
50
100
1.1
AM15718v1
RDS(on)
1.3
0.9
0.5
-50
-25
TJ(°C)
(norm)
0
100
0.7
1.1
ID=2.5 A
1.5
25
50
75
1.7
1.9
2.1
2.3
AM15821v1
VSD
0
2
ISD(A)
(V)
1
3
4
0
0.2
0.4
0.6
0.8
TJ=-50°C
TJ=150°C
TJ=25°C
5
1
1.2
1.4
AM15822v1
VDS
-50 -25
TJ(°C)
(norm)
50
100
0.93
0.95
0.97
0.99
1.01
ID = 1mA
0
25
75
1.03
1.05
1.07
1.09
1.11
AM15823v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com