Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STF7N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF7N60M2
Description  Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF7N60M2 Datasheet HTML 1Page - STMicroelectronics STF7N60M2 Datasheet HTML 2Page - STMicroelectronics STF7N60M2 Datasheet HTML 3Page - STMicroelectronics STF7N60M2 Datasheet HTML 4Page - STMicroelectronics STF7N60M2 Datasheet HTML 5Page - STMicroelectronics STF7N60M2 Datasheet HTML 6Page - STMicroelectronics STF7N60M2 Datasheet HTML 7Page - STMicroelectronics STF7N60M2 Datasheet HTML 8Page - STMicroelectronics STF7N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
June 2013
DocID024894 Rev 1
1/13
STF7N60M2
N-channel 600 V, 0.86
Ω typ., 5 A MDmesh II Plus™ low Qg
Power MOSFET in TO-220FP package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Lower RDS(on) x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using a new generation of MDmesh™
technology: MDmesh II Plus™ low Qg. This
revolutionary Power MOSFET associates a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
TO-220FP
1
2
3
AM15572v1
, TAB
Order code
VDS @
TJmax
RDS(on)
max
ID
STF7N60M2
650 V
0.95
Ω
5 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STF7N60M2
7N60M2
TO-220FP
Tube
www.st.com


Similar Part No. - STF7N60M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF7N60M2 ISC-STF7N60M2 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF7N60M2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
Low Gate Input Resistance
Rev 3
logo
STMicroelectronics
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
Low gate input resistance
19-Jun-2015
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
Low gate input resistance
28-Feb-2014
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
Low gate input resistance
08-Jan-2010
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
Low gate input resistance
20-Mar-2015
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
Low gate input resistance
06-Feb-2014
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
Low gate input resistance
27-Jun-2014
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
Low gate input resistance
01-Feb-2013
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
Low gate input resistance
07-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com