Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STAC3933 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STAC3933
Description  Excellent thermal stability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC3933 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STAC3933 Datasheet HTML 5Page - STMicroelectronics STAC3933 Datasheet HTML 6Page - STMicroelectronics STAC3933 Datasheet HTML 7Page - STMicroelectronics STAC3933 Datasheet HTML 8Page - STMicroelectronics STAC3933 Datasheet HTML 9Page - STMicroelectronics STAC3933 Datasheet HTML 10Page - STMicroelectronics STAC3933 Datasheet HTML 11Page - STMicroelectronics STAC3933 Datasheet HTML 12Page - STMicroelectronics STAC3933 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STAC3933
Typical performance
Doc ID 022696 Rev 1
9/14
4
Typical performance
Figure 3.
Capacitance vs. supply voltage
Figure 4.
Drain current vs. gate source
voltage
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
3000
0
20
40
60
80
100
120
Vdd (V)
Crss
Coss
Ciss
F = 1 MHz
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
01
2
3
4
5
Vgs(V)
Tc = +25 °C
Vds = 100 V
Figure 5.
Drain current vs. drain source
voltage
Figure 6.
Gate source voltage vs. case
temperature
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vds (V)
Tc = +25 °C
Vgs = 10 V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50-25
0
25
50
75100
Tc (°C)
Idq = 250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com