Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN54ABT853 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54ABT853
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABT853 Datasheet(HTML) 4 Page - Texas Instruments

  SN54ABT853_17 Datasheet HTML 1Page - Texas Instruments SN54ABT853_17 Datasheet HTML 2Page - Texas Instruments SN54ABT853_17 Datasheet HTML 3Page - Texas Instruments SN54ABT853_17 Datasheet HTML 4Page - Texas Instruments SN54ABT853_17 Datasheet HTML 5Page - Texas Instruments SN54ABT853_17 Datasheet HTML 6Page - Texas Instruments SN54ABT853_17 Datasheet HTML 7Page - Texas Instruments SN54ABT853_17 Datasheet HTML 8Page - Texas Instruments SN54ABT853_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54ABT853, SN74ABT853
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS198G − FEBRUARY 1991 − REVISED OCTOBER 2010
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
error-flag waveforms
ERR
CLR
LE
OEA
OEB
Bi + PARITY
H
L
H
L
Even
Odd
H
L
H
L
H
L
Pass
Store
Sample
Clear
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Except I/O ports (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: SN54ABT853
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ABT853
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance, θJA (see Note 2): DB package
104°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
81°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
120°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com