Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN54ABT853 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54ABT853
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABT853 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54ABT853_17 Datasheet HTML 3Page - Texas Instruments SN54ABT853_17 Datasheet HTML 4Page - Texas Instruments SN54ABT853_17 Datasheet HTML 5Page - Texas Instruments SN54ABT853_17 Datasheet HTML 6Page - Texas Instruments SN54ABT853_17 Datasheet HTML 7Page - Texas Instruments SN54ABT853_17 Datasheet HTML 8Page - Texas Instruments SN54ABT853_17 Datasheet HTML 9Page - Texas Instruments SN54ABT853_17 Datasheet HTML 10Page - Texas Instruments SN54ABT853_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN54ABT853, SN74ABT853
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS198G − FEBRUARY 1991 − REVISED OCTOBER 2010
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT853
SN74ABT853
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
LE high or low
3.5
3.5
3.5
ns
tw
Pulse duration
CLR low
4
4
4
ns
t
Setup time
B or PARITY before LE↓
9.4
10.2
9.4
ns
tsu
Setup time
CLR before LE↓
2
2
2
ns
t
Hold time
B or PARITY after LE↓
0
0
0
ns
th
Hold time
CLR after LE↓
3
3
3
ns
This data sheet limit can vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT853
SN74ABT853
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1.2
4.8
1.2
6.4
1.2
5.3
ns
tPHL
A or B
B or A
1
4.8
1
5.4
1
5.3
ns
tPLH
A
PARITY
2.1
9.5
2.1
13.3
2.1
11.2
ns
tPHL
A
PARITY
2.5
9.7
2.5
11
2.5
11
ns
tPLH
OEA or OEB
PARITY
1.8
8.5
1.8
13.6
1.8
10.5
ns
tPHL
OEA or OEB
PARITY
2.3
8.6
2.3
11.7
2.3
10
ns
tPLH
CLR
ERR
1
5.5
1
6.3
1
6.2
ns
tPLH
LE
ERR
1.8
5.1
1.8
6.1
1.8
6
ns
tPHL
LE
ERR
1
5.8
1
6.7
1
6.6
ns
tPLH
B or PARITY
ERR
2
10.1
2
11.8
2
11.7
ns
tPHL
B or PARITY
ERR
2.2
11.5
2.2
12.9
2.2
12.8
ns
tPZH
OEA o OEB
A or B or PARITY
1
5.8
1
8.8
1
6.7
ns
tPZL
OEA or OEB
A or B or PARITY
1.5
5.8
1.5
9.8
1.5
6.7
ns
tPHZ
OEA or OEB
A or B or PARITY
1.8
7.3
1.8
9.5
1.8
7.9
ns
tPLZ
OEA or OEB
A or B or PARITY
2.1
7.2
2.1
8.2
2.1
8.1
ns
This data sheet limit can vary among suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com