Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL13DP10F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL13DP10F6
Description  Low gate drive power losses
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13DP10F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STL13DP10F6 Datasheet HTML 1Page - STMicroelectronics STL13DP10F6 Datasheet HTML 2Page - STMicroelectronics STL13DP10F6 Datasheet HTML 3Page - STMicroelectronics STL13DP10F6 Datasheet HTML 4Page - STMicroelectronics STL13DP10F6 Datasheet HTML 5Page - STMicroelectronics STL13DP10F6 Datasheet HTML 6Page - STMicroelectronics STL13DP10F6 Datasheet HTML 7Page - STMicroelectronics STL13DP10F6 Datasheet HTML 8Page - STMicroelectronics STL13DP10F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID023936 Rev 2
3/14
STL13DP10F6
Electrical ratings
14
1
Electrical ratings
Note:
For the P-channel Power MOSFET the actual polarity of the voltages and the current must
be reversed.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
100
V
V
GS
Gate-source voltage
± 20
V
I
D
(1)
1.
The value is rated according R
thj-c
Drain current (continuous) at T
C
= 25 °C
13
A
I
D
(1)
Drain current (continuous) at T
C
= 100 °C
7.3
A
I
D
(2)
2.
The value is rated according R
thj-pcb
Drain current (continuous) at T
pcb
= 25 °C
3.3
A
I
D
(2)
Drain current (continuous) at T
pcb
=100°C
2
A
I
DM
(2)
,
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
13.2
A
P
TOT
(1)
Total dissipation at T
C
= 25°C
62.5
W
P
TOT
(2)
Total dissipation at T
pcb
= 25°C
4
W
T
J
T
stg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case
2
°C/W
R
thj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-pcb
32
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com