Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL13DP10F6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL13DP10F6
Description  Low gate drive power losses
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13DP10F6 Datasheet(HTML) 4 Page - STMicroelectronics

  STL13DP10F6 Datasheet HTML 1Page - STMicroelectronics STL13DP10F6 Datasheet HTML 2Page - STMicroelectronics STL13DP10F6 Datasheet HTML 3Page - STMicroelectronics STL13DP10F6 Datasheet HTML 4Page - STMicroelectronics STL13DP10F6 Datasheet HTML 5Page - STMicroelectronics STL13DP10F6 Datasheet HTML 6Page - STMicroelectronics STL13DP10F6 Datasheet HTML 7Page - STMicroelectronics STL13DP10F6 Datasheet HTML 8Page - STMicroelectronics STL13DP10F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL13DP10F6
4/14
DocID023936 Rev 2
2
Electrical characteristics
(T
CASE
=25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source breakdown
voltage
V
GS
= 0, I
D
= 250 μA
100
V
I
DSS
Zero gate voltage drain
current
V
GS
= 0, V
DS
= 100 V
1
μA
V
GS
= 0, V
DS
= 100 V,
T
C
=125 °C
10
μA
I
GSS
Gate body leakage current
V
DS
= 0, V
GS
= ± 20 V
±100
nA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA
24
V
R
DS(on)
Static drain-source
on- resistance
V
GS
= 10 V, I
D
= 1.7 A
0.136
0.18
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
=25 V, f=1 MHz,
V
GS
=0
-864
-
pF
C
oss
Output capacitance
-
45
-
pF
C
rss
Reverse transfer
capacitance
-25
-
pF
Q
g
Total gate charge
V
DD
=50 V, I
D
= 3.3 A
V
GS
=10 V
(see Figure 14)
-
16.5
-
nC
Q
gs
Gate-source charge
-
3.5
-
nC
Q
gd
Gate-drain charge
-
3.8
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
DD
=50 V, I
D
= 1.7 A,
R
G
=4.7
Ω, V
GS
=10 V
(see Figure 13)
-
10.5
-
ns
t
r
Rise time
-
4.8
-
ns
t
d(off)
Turn-off delay time
-
24
-
ns
t
f
Fall time
-
4.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com