Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP16CPPS05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16CPPS05
Description  Low voltage 16-bit constant current LED sink driver with auto power-saving
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPPS05 Datasheet(HTML) 1 Page - STMicroelectronics

  STP16CPPS05 Datasheet HTML 1Page - STMicroelectronics STP16CPPS05 Datasheet HTML 2Page - STMicroelectronics STP16CPPS05 Datasheet HTML 3Page - STMicroelectronics STP16CPPS05 Datasheet HTML 4Page - STMicroelectronics STP16CPPS05 Datasheet HTML 5Page - STMicroelectronics STP16CPPS05 Datasheet HTML 6Page - STMicroelectronics STP16CPPS05 Datasheet HTML 7Page - STMicroelectronics STP16CPPS05 Datasheet HTML 8Page - STMicroelectronics STP16CPPS05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
March 2017
DocID16536 Rev 4
1/31
This is information on a product in full production.
www.st.com
STP16CPPS05
Low voltage 16-bit constant current LED sink driver with auto
power-saving
Datasheet - production data
Features
Low voltage power supply down to 3 V
16 constant current output channels
Adjustable output current through external
resistor
Serial data IN/parallel data OUT
Auto power-saving
3.3 V MCU-driving capability
Output current: 3 to 40 mA
30 MHz clock frequency
Available in high thermal efficiency TSSOP
exposed pad
ESD protection: 2 kV HBM, 200 V MM
Description
The STP16CPPS05 is a monolithic, low voltage,
low current power 16-bit shift register designed
for LED panel displays. The device features a 16-
bit serial-in, parallel-out shift register that feeds a
16-bit D-type storage register. In the output
stage, sixteen regulated current sources are
designed to provide 3 to 40 mA of constant
current to drive the LEDs.
The STP16CPPS05 output current can be
adjusted through an external resistor to control
the light intensity of the LEDs. LED brightness is
adjustable from 0% to 100% via the OE
pin.
The auto power-shutdown and auto power-ON
feature allows the device to save power with no
external intervention.
The STP16CPPS05 guarantees a 20 V output
driving capability, allowing users to connect more
LEDs in series. The high 30 MHz clock frequency
makes the device suitable for high data rate
transmission. The 3.3 V supply is well suited for
applications which interface a 3.3 V MCU.
Compared to a standard TSSOP package, the
TSSOP with exposed pad increases heat
dissipation capability by a factor of 2.5.
Table 1: Device summary
Order code
Package
Packing
STP16CPPS05MTR
SO-24
1000 parts per reel
STP16CPPS05TTR
TSSOP24
2500 parts per reel
STP16CPPS05XTTR
TSSOP24 exposed pad
2500 parts per reel
STP16CPPS05PTR
QSOP-24
2500 parts per reel


Similar Part No. - STP16CPPS05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STP16CPP05MTR STMICROELECTRONICS-STP16CPP05MTR Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STP16CPP05PTR STMICROELECTRONICS-STP16CPP05PTR Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STP16CPP05TTR STMICROELECTRONICS-STP16CPP05TTR Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STP16CPP05XTTR STMICROELECTRONICS-STP16CPP05XTTR Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results

Similar Description - STP16CPPS05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CPS05 STMICROELECTRONICS-STP16CPS05 Datasheet
643Kb / 26P
Low voltage 16-Bit constant current LED sink driver with auto power saving
28-Jul-2006
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16DPPS05 STMICROELECTRONICS-STP16DPPS05 Datasheet
666Kb / 35P
Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
17-Jun-2014
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com