Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP16CPPS05 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP16CPPS05
Description  Low voltage 16-bit constant current LED sink driver with auto power-saving
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPPS05 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP16CPPS05 Datasheet HTML 7Page - STMicroelectronics STP16CPPS05 Datasheet HTML 8Page - STMicroelectronics STP16CPPS05 Datasheet HTML 9Page - STMicroelectronics STP16CPPS05 Datasheet HTML 10Page - STMicroelectronics STP16CPPS05 Datasheet HTML 11Page - STMicroelectronics STP16CPPS05 Datasheet HTML 12Page - STMicroelectronics STP16CPPS05 Datasheet HTML 13Page - STMicroelectronics STP16CPPS05 Datasheet HTML 14Page - STMicroelectronics STP16CPPS05 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
STP16CPPS05
Timing diagrams
DocID16536 Rev 4
11/31
5
Timing diagrams
Table 9: Truth table
CLOCK
LE
OE
SERIAL-IN
OUT0 ............. OUT7 ................ OUT15
SDO
_|¯
H
L
Dn
Dn ..... Dn - 7 ..... Dn -15
Dn - 15
_|¯
L
L
Dn + 1
No change
Dn - 14
_|¯
H
L
Dn + 2
Dn + 2 ..... Dn - 5 ..... Dn -13
Dn - 13
¯|_
X
L
Dn + 3
Dn + 2 ..... Dn - 5 ..... Dn -13
Dn - 13
¯|_
X
H
Dn + 3
OFF
Dn - 13
OUTn = ON when Dn = H OUTn = OFF when Dn = L.
Figure 7: Timing diagram
1 Latch and output enable terminals are level-sensitive and are not synchronized
with rising or falling edge of CLK signal.
2 When LE terminal is low level, the latch circuit holds previous set of data.
3 When LE terminal is high level, the latch circuit refreshes new set of data from
SDI chain.
4 When OE
terminal is at low level, the output terminals Out 0 to Out 15
respond to data in the latch circuits, either ‘1’ for ON or ‘0’ for OFF.
5 When OE
terminal is at high level, all output terminals are switched OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com