Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L7987L Datasheet(PDF) 6 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 2Page - STMicroelectronics L7987L Datasheet HTML 3Page - STMicroelectronics L7987L Datasheet HTML 4Page - STMicroelectronics L7987L Datasheet HTML 5Page - STMicroelectronics L7987L Datasheet HTML 6Page - STMicroelectronics L7987L Datasheet HTML 7Page - STMicroelectronics L7987L Datasheet HTML 8Page - STMicroelectronics L7987L Datasheet HTML 9Page - STMicroelectronics L7987L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Pin settings
L7987L
6/41
DocID026362 Rev 3
2.2
Pin description
Table 1. Pin description
Number
Pin
Description
1
VBIAS
Auxiliary input that can be used to supply part of the analog circuitry to increase the efficiency
at light load. Typically connected to the regulated output voltage or to an external voltage rail
higher than 3 V. Connect to the signal GND if not used or bypass with a 1
F ceramic capacitor
if supplied by the output voltage or by an auxiliary rail.
2
VIN
DC input voltage
3
VIN
DC input voltage
4VCC
Filtered DC input voltage to the internal circuitry. Bypass to the signal GND by a 1
F ceramic
capacitor.
5
EN
Active high enable pin. Connect to the VCC pin if not used.
6SS
An internal current generator (5 µA typ.) charges the external capacitor to implement the soft-
start.
7
SYNCH Master / slave synchronization
8
COMP Output of the error amplifier. The designed compensation network is connected at this pin.
9
FB
Inverting input of the error amplifier.
10
FSW
A pull-down resistor to GND selects the switching frequency.
11
ILIM
A pull-down resistor to GND selects the peak current limitation.
12
PGOOD
The PGOOD open collector output is driven low when the output voltage, sensed on the FB
pin, is out of regulation.
13
LX
Switching node
14
LX
Switching node
15
BOOT
Connect an external capacitor (100 nF typ.) between BOOT and LX pins. The gate charge
required to drive the internal n-DMOS is recovered by an internal regulator during the off-time
16
GND
Signal GND
-
E.P.
Exposed pad must be connected to signal GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com