Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASTMUPLP Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASTMUPLP
Description  Harsh environment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPLP Datasheet(HTML) 4 Page - Abracon Corporation

  ASTMUPLP Datasheet HTML 1Page - Abracon Corporation ASTMUPLP Datasheet HTML 2Page - Abracon Corporation ASTMUPLP Datasheet HTML 3Page - Abracon Corporation ASTMUPLP Datasheet HTML 4Page - Abracon Corporation ASTMUPLP Datasheet HTML 5Page - Abracon Corporation ASTMUPLP Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.22.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
OUTLINE DIMENSION:
ASTMUPLP
High Performance, Programmable LVPECL SMD MEMS Oscillator
ASTMUPLP
3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
3.2 x 2.5mm Package (Option “E”)
5.0 x 3.2mm Package (Option “FL”)
7.0 x 5.0mm Package (Option “V”)
Recommended Land Pattern
Recommended Land Pattern
Recommended Land Pattern
Dimensions: mm
Pin
Name
Functionality
1
OE/ST
Output Enable H or Open: specified frequency output
L: output is high impedance. Only output driver is disabled
Standby
H or Open: specified frequency output
L: output is low (weak pull down). Device goes to sleep
mode. Supply current reduces to Istd.
2
NC
No Connect
Leave it floating or connect to GND for better heat
dissipation
3
GND
Power
Vdd power supply ground(1)
4
Out+
Output
Oscillator output
5
Out-
Output
Complementary oscillator output
6
Vdd
Power
Power supply voltage(1)
Notes: 1. A capacitor value of 0.1µF between Vdd and GND is recommended.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com