Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASTMUPLP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTMUPLP
Description  Harsh environment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPLP Datasheet(HTML) 1 Page - Abracon Corporation

  ASTMUPLP Datasheet HTML 1Page - Abracon Corporation ASTMUPLP Datasheet HTML 2Page - Abracon Corporation ASTMUPLP Datasheet HTML 3Page - Abracon Corporation ASTMUPLP Datasheet HTML 4Page - Abracon Corporation ASTMUPLP Datasheet HTML 5Page - Abracon Corporation ASTMUPLP Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASTMUPLP
APPLICATIONS:
FEATURES:
High Performance, Programmable LVPECL SMD MEMS Oscillator
STANDARD SPECIFICATIONS:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Moisture Sensitivity Level (MSL) – 1
Pb RoHS/RoHS II compliant
ESD Sensitive
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.22.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
• Industry Standard package sizes: 3.2 x 2.5 x 0.75mm,
5 x 3.2 x 0.75mm, 7.0 x 5.0 x 0.9mm
• Any frequency between 1MHz and 625MHz
• Supply Voltage options: 3.3V, 2.8V, 1.8V, 2.25V~3.63V
• Ultra-low RMS phase jitter: 0.6ps typ.
(@156.25MHz, integration bandwidth: 12kHz to 20MHz)
• Frequency Stability options: ±10ppm, ±20ppm, ±25ppm,
±50ppm over -20 to +70°C and -40 to +85°C
• High Performance MEMS Technology by SiTime
• 10GB Ethernet, SONET, SATA, SAS, Fiber Channel, PCI Express
• Storage
• Servers
• Networking
• Telecom
• Instrumentation
• Harsh environment (vibration, shock-prone and humid)
ASTMUPLP
3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
Note: 1. Frequencies not supported:
Range 1: From 209.000001MHz to 210.999999MHz
Range 2: From 251.000001MHz to 263.999999MHz
Range 3: From 314.000001MHz to 422.999999MHz
Range 4: From 502.000001MHz to 527.999999MHz
Parameters
Min
Typ
Max
Unit
Notes
Output Frequency Range (F)
1
625
MHz See Note 1 for Frequencies not
supported
Frequency Stability (Fstab)
-10
+10
ppm
Inclusive of initial tolerance at 25°C,
and variations over operating
temperature, rated power supply
voltage and load
-20
+20
-25
+25
-50
+50
Operating Temperature Range (Tuse)
-20
+70
°C
Option “E”
-40
+85
Option “L”
Aging@25°C
1st year
-2
+2
ppm
10 years
-5
+5
Supply Voltage (Vdd)
2.25
2.5
2.75
V
Option “25”
2.97
3.3
3.63
Option “33”
2.25
-
3.63
Option “Blank” (default)
Input High Voltage(VIH)
70%*Vdd
V
Pin 1
Input Low Voltage(VIL)
30%*Vdd
V
Pin 1
Input Pull-up Impedance ( Zin)
100
250
kΩ
Pin 1, OE logic high or logic low,
ST
logic high
2
MΩ Pin 1, ST logic low
Startup Time (Tstart)
6
10
ms
Measured from the time Vdd reaches its
rated minimum value
Resume Time ( Tresume)
6
10
ms
In standby mode. Measured from the
time ST pin crosses 50% threshold
%
5
5
5
4
e
l
c
y
C
y
t
u
D
L
C
E
P
V
L
e
p
y
T
t
u
p
t
u
O
Current Consumption ( Idd )
61
69
mA
Excluding load termination current,
Vdd=2.5V or 3.3V
OE Disable Current (IOD)
35
mA
OE=Low
Output Disable Leakage Current
( Ileak)
1
µA
OE=Low
Standby Current (Istd)
100
µA
ST =Low, for all Vdd
Maximum Output Current ( Idriver)
30
mA
Maximum average current drawn from
OUT+ or OUT-


Similar Part No. - ASTMUPLP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
Any frequency between 1MHz and 625MHz
05/15/2017
More results

Similar Description - ASTMUPLP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172AP ORIONFANS-OA172AP Datasheet
332Kb / 1P
AC - HARSH Environment
OA205 ORIONFANS-OA205 Datasheet
281Kb / 1P
AC - Harsh Environment
OA2543 ORIONFANS-OA2543 Datasheet
298Kb / 1P
AC - Harsh Environment
OA2547 ORIONFANS-OA2547 Datasheet
304Kb / 1P
AC - Harsh Environment
logo
PowerDynamics, Inc
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P-W POWERDYNAMICS-PD-HEC2-FPC-P-W Datasheet
479Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-S POWERDYNAMICS-PD-HEC2-FPC-S Datasheet
209Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-MCC-4 POWERDYNAMICS-PD-HEC2-MCC-4 Datasheet
236Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-FCC POWERDYNAMICS-PD-HEC-FCC Datasheet
189Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
HARSH ENVIRONMENT CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com