Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6C1016 Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # AS6C1016
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1016 Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS6C1016 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AS6C1016
64K X 16 BIT LOW POWER CMOS SRAM
Alliance Memory, Inc.
Rev. 1.4
11
ORDERING INFORMATION
Alliance
Organization
VCC Range
Package
Operating
Temp
Speed
ns
AS6C1016-55ZIN
64K x 16
2.7V
– 5.5V
44pin TSOP II
Industrial ~
-40°C - 85°C
55
AS6C1016-55BIN
64K x 16
2.7V
– 5.5V
48ball TFBGA
Industrial -
-40°C - 85°C
55
PART NUMBERING SYSTEM
AS6C
1016
-55
X
X
N
Low
power
SRAM
prefix
Device
Number
10 = 1M
16 = x16
Access
Time
Package Options:
T = 44 pin TSOP II
B = 48 ball TFBGA
Temperature Range:
I = Industrial
(-40°C to +85°C)
N = Lead
Free ROHS
Compliant
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com