Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS7C316096C Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C316096C
Description  Fully static operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C316096C Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C316096C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AS7C316096C
Rev. 1.0
2048K X 8 BIT HIGH SPEED CMOS SRAM
Confidential
3
Rev 1.0 / May 2014
PIN CONFIGURATION
A1
A0
NC
NC
A15
A4
CE#
DQ0
VCC
VSS
NC
A7
OE#
DQ6
DQ7
DQ5
VSS
VCC
DQ4
A14
DQ1
DQ2
TSOP-II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A8
A2
WE#
A5
NC
NC
A20
A11
A10
DQ3
A13
A9
NC
NC
A19
A12
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
NC
A3
A6
A16
A17
A18
TFBGA(See through with Top View)
DQ7
A20
A3
A10
A9
A11
A0
A14
A8
A19
WE#
NC
NC
NC
A18
Vss
NC
A13
NC
Vcc
Vcc
A15
Vss
CE#
NC
DQ6
DQ2
DQ0
A2
OE#
A1
A6
A5
A4
NC
1
2
3
4
5
6
H
G
C
D
E
F
A
B
A12
NC
A17
A7
A16
NC
NC
NC
NC
DQ5
DQ4
DQ3
DQ1
TFBGA(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com