Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3636 Datasheet(PDF) 7 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 7 Page - ams AG

Back Button AS3636 Datasheet HTML 3Page - ams AG AS3636 Datasheet HTML 4Page - ams AG AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG AS3636 Datasheet HTML 10Page - ams AG AS3636 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
7 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - E l e c t r i c a l C h a r a c t e r i s t i c s
Timing Diagrams
Figure 3. I
2C mode Timing Diagram
N
Turns Ratio
for VFLASH=330V (final charged
voltage on CFLASH)
10.2
VISOLATION
Isolation Voltage
500
V
ISATURATION
Primary Saturation
Current
0.84
A
RPRIMARY
Primary Winding
Resistance
0.4
Ω
RSECUNDAR
Y
Secondary Winding
Resistance
60
Ω
1. The overvoltage protection of the DCDC step up converter (pin VOUTBOOST) will trigger above 5.4V thus
shutting down the DCDC converter.
2. ISHUTDOWN or ISTANBY includes leakage current for SW_B and SW_F.
3. Due to slope compensation of the current limit, ILIMIT changes with duty cycle.
4. After this period, the first clock pulse is generated.
5. A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the
SCL signal) to bridge the undefined region of the falling edge of SCL.
6. A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT = to 250ns must then
be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a
device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tR max +
tSU:DAT = 1000 + 250 = 1250ns before the SCL line is released.
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
SCL
SDA
tBUF
tHD:STA
tSU:STA
REPEATED
START
tSU:STO
tF
tSU:DAT
tHIGH
tHD:DAT
tR
tLOW
tHD:STA
START
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com