Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3636 Datasheet(PDF) 9 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 9 Page - ams AG

Back Button AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG AS3636 Datasheet HTML 10Page - ams AG AS3636 Datasheet HTML 11Page - ams AG AS3636 Datasheet HTML 12Page - ams AG AS3636 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
9 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
8 Detailed Description
The AS3636 is a highly integrated photoflash charger with build in IGBT driver, inductive DCDC boost autofocus/video
LED driver, an indicator LED driver and it includes system level ESD protection and a breakable fuse. The integrated
fuse will be blown if there is short circuitry in the module
1. It is not reversible.
Note: The AS3636 uses a WL-CSP (wafer level chip scale package) to optimize the PCB area required and minimize
the module size. Therefore the actual DIE is visible (and it is not molded in plastic as for other packages like
QFN or DFN) and the AS3636 is sensitive to external light. It has to be protected from direct light from the
Xenon tube.
Internal Circuit
Figure 4. AS3636 Internal Circuit
1. The purpose is to fulfill the IEC60065 safety requirements (see section 14.5.4).
 


 
  

 



 






  

- 


-

-  .

/012 +2*3
 
/012 &2,3
 - 
  
/012 *243
!
"
 

-
,7
!$
 (
61 8

-

,**6

196 61
!$
61
:
:
196
 
:
(
8
61
- 
!$
  !
'
!26"
8 26"
;
18! (
$ 1
  "
8 8
! !
   :+*6
9 <8 
! 
6 
6 ;;
!0
,**
- 
  
:
(
<  ! 
! 
!$

66=!
!0
 
=8
/#  6 3

.
<
!
 !
";<
. <

!$



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com