Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE812ABJR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 2Page - STMicroelectronics STMPE812ABJR Datasheet HTML 3Page - STMicroelectronics STMPE812ABJR Datasheet HTML 4Page - STMicroelectronics STMPE812ABJR Datasheet HTML 5Page - STMicroelectronics STMPE812ABJR Datasheet HTML 6Page - STMicroelectronics STMPE812ABJR Datasheet HTML 7Page - STMicroelectronics STMPE812ABJR Datasheet HTML 8Page - STMicroelectronics STMPE812ABJR Datasheet HTML 9Page - STMicroelectronics STMPE812ABJR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
STMPE812A functional overview
STMPE812A
6/53
Doc ID 18225 Rev 4
Note:
All I/O operates on VCC. All I/O tolerant up to 3.6 V, across VCC = 1.65 - 3.6 V
8 kV HBM ESD on all touchscreen pins (+/- 8 kV vs GND)
0.5 µA max input leakage as input, across VCC range (GPIO, SCL/SDA)
4 µs hardware filter on the 3 GPIOs as input
C1
SDA
-4 mA
I2C data (fail safe, tolerant to 3.6 V regardless of
VCC)
B1
P2
+8 mA/-12 mA at
3.3 V
GPIO-2/ INT (3.6 V tolerant within VCC valid
range)
A1
P1
+8 mA/-12 mA at
3.3 V
GPIO-1/ADC/PWM (3.6 V tolerant within VCC valid
range except VIN_ADC must be less than VCC)
B2
P0
+8 mA/-12 mA at
3.3 V
GPIO-0/ADDR (3.6 V tolerant within VCC valid
range)
A2
VCC
Can be > 80 mA
load at touchscreen
and GPIO drive
1.65 - 3.6 V core/IO supply (0.1 µF decoupling
cap)
No low-voltage detection for POR
20 µs POR from power stable
A3
X+
50 mA current limit
X+
Table 2.
Pin assignments (continued)
Pin
Name
Current capacity
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com