Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE812ABJR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 5Page - STMicroelectronics STMPE812ABJR Datasheet HTML 6Page - STMicroelectronics STMPE812ABJR Datasheet HTML 7Page - STMicroelectronics STMPE812ABJR Datasheet HTML 8Page - STMicroelectronics STMPE812ABJR Datasheet HTML 9Page - STMicroelectronics STMPE812ABJR Datasheet HTML 10Page - STMicroelectronics STMPE812ABJR Datasheet HTML 11Page - STMicroelectronics STMPE812ABJR Datasheet HTML 12Page - STMicroelectronics STMPE812ABJR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
STMPE812A
I2C interface
Doc ID 18225 Rev 4
9/53
2.1
I2C features
The features that are supported by the I2C interface are listed below:
●
I2C slave device
●
Operates at VCC (1.65 V - 3.6 V)
●
Compliant to Philips I2C specification version 2.1
●
Supports standard (up to 100 Kbps) and fast (up to 400 Kbps) modes
●
I2C address in 0x41 (0x82/83 including Rd/Wr bit) or 0x40 (0x80/81 including Rd/Wr
bit)
The slave address is selected by the state of P0 pin. The state of the pin is read upon reset
and then the pin can be configured for normal operation. The pin shall have an external pull-
up or pull-down to set the address.
Start condition
A Start condition is identified by a falling edge of SDATA while SCLK is stable at high state.
A Start condition must precede any data/command transfer. The device continuously
monitors for a Start condition and does not respond to any transaction unless one is
encountered.
Stop condition
A Stop condition is identified by a rising edge of SDATA while SCLK is stable at high state. A
Stop condition terminates communication between the slave device and the bus master. A
read command that is followed by NoAck can be followed by a Stop condition to force the
slave device into idle mode. When the slave device is in idle mode, it is ready to receive the
next I2C transaction. A Stop condition at the end of a write command stops the write
operation to registers.
Acknowledge bit
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter
releases the SDATA after sending eight bits of data. During the ninth bit, the receiver pulls
the SDATA low to acknowledge the receipt of the eight bits of data. The receiver may leave
the SDATA in high state if it does not acknowledge the receipt of the data.
2.2
Data input
The device samples the data input on SDATA on the rising edge of the SCLK. The SDATA
signal must be stable during the rising edge of SCLK and the SDATA signal must change
only when SCLK is driven low.
Table 4.
Slave address
ADDR (P0)
7-bit I2C slave address
040h
141h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com