Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF06-HSD03F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EMIF06-HSD03F3
Description  EMI filter with integrated ESD protection for micro-SD Card?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HSD03F3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EMIF06-HSD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 9Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DocID025248 Rev 4
7/10
EMIF06-HSD03F3
Package information
3
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
3.1
Flip-Chip package information
Figure 12. Flip-Chip package dimensions
1.10 mm ± 40 µm
60 ± 60 µm
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com