Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF06-HSD03F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF06-HSD03F3
Description  EMI filter with integrated ESD protection for micro-SD Card?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HSD03F3 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF06-HSD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-HSD03F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID025248 Rev 4
5/10
EMIF06-HSD03F3
Characteristics
Figure 5. Attenuation versus frequency
IX, OX
Figure 6. Attenuation versus frequency
VCC, DET
S21(dB)
100.0 k
1.0 M
10.0 M
100.0 M
1.0 G
-10.00
- 9.00
- 8.00
- 7.00
- 6.00
- 5.00
- 4.00
- 3.00
- 2.00
- 1.00
0.00
I6
I2
I3
I4
I5
I1
F(Hz)
S21(dB)
100.0k
1.0M
10.0M
100.0M
1.0G
-30.00
-22.50
-15.00
-7.50
0.00
VCC
DET
F(Hz)
Figure 7. ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 8. ESD response to IEC 61000-4-2
(-8 kV contact discharge)
20.0 V / Div
20 ns / Div
V : Peak clamping voltage
CL
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
19.2 V
109.6 V
13.9 V
6.6 V
2
1
3
4
10.0 V / Div
20 ns / Div
V : Peak clamping voltage
CL
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
-5.1 V
-61.1 V
-4.1 V
-2.4 V
2
1
3
4
Figure 9. Digital crosstalk I1-O2
Figure 10. Analog crosstalk versus frequency
10 ns / Div
1.0 V / Div
P2:rise(C1)
1.99 ns
P3: fall(C1)
1.93 ns
P1: top(C1)
3.01 ns
P4: pkpk(C2)
1.28 ns
XTalk(dB)
100.0 k
1.0 M
10.0 M
100.0 M
1.0 G
-110.00
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
VCC- Clk
I1-O2
I2-O3
F(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com