Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7718B Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7718B
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7718B Datasheet HTML 20Page - STMicroelectronics TDA7718B Datasheet HTML 21Page - STMicroelectronics TDA7718B Datasheet HTML 22Page - STMicroelectronics TDA7718B Datasheet HTML 23Page - STMicroelectronics TDA7718B Datasheet HTML 24Page - STMicroelectronics TDA7718B Datasheet HTML 25Page - STMicroelectronics TDA7718B Datasheet HTML 26Page - STMicroelectronics TDA7718B Datasheet HTML 27Page - STMicroelectronics TDA7718B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Description of the audioprocessor
TDA7718B
24/40
DocID18305 Rev 3
4.10
DC offset detector
Using the DC offset detection circuit (Figure 18) an offset voltage difference between the
audio power amplifier and the APR's Front and Rear outputs can be detected, preventing
serious damage to the loudspeakers. The circuit compares whether the signal crosses the
zero level inside the audio power at the same time as in the speaker cell. The output of the
zero-window-comparator of the power amplifier must be connected with the WinIn-input of
the APR. The WinIn-input has an 50k
 internal pull-up resistor connected to 3.3 V. It is
recommended to drive this pin with open-collector outputs only.
To compensate for errors at low frequencies the WinTC-pin are implemented, with external
capacitors introducing the same delay
 = 7.5 k * Cext as the AC-coupling between the
APR and the power amplifier introduces. For the zero window comparators, the time
constant for spike rejection as well as the threshold are programmable.
For electrical characteristics see Chapter 3 on page 9.
A low-active DC-offset error signal appears at the DCErr output if the next conditions are
both true:
a)
Front and rear outputs are inside zero crossing windows.
b)
The Input voltage VWinIn is logic low whenever at least one output of the power
amplifier is outside the zero crossing windows.
After power-on, the external attached capacitor is rapidly charged (fast-charge) to overcome
a false indication.
Figure 18. DC offset detection circuit (simplified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com