Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7718B Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7718B
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7718B Datasheet HTML 24Page - STMicroelectronics TDA7718B Datasheet HTML 25Page - STMicroelectronics TDA7718B Datasheet HTML 26Page - STMicroelectronics TDA7718B Datasheet HTML 27Page - STMicroelectronics TDA7718B Datasheet HTML 28Page - STMicroelectronics TDA7718B Datasheet HTML 29Page - STMicroelectronics TDA7718B Datasheet HTML 30Page - STMicroelectronics TDA7718B Datasheet HTML 31Page - STMicroelectronics TDA7718B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
I2C bus specification
TDA7718B
28/40
DocID18305 Rev 3
5.2.3
Reset condition
A Power-On-Reset is invoked if the supply voltage is below than 3.5 V. After that the
registers are initialized to the default data written in following tables.
Table 7. Subaddress (receive mode)
MSB
LSB
Function
I2
I1
I0
A4
A3
A2
A1
A0
0
1
--
-
-
-
-
-
Testing mode
Off
On
-
x
--
-
-
--
Not used
--
0
1
--
-
-
-
Auto increment mode
Off
On
--
-
0
0
0
0
0
Main selector
--
-
0
0
0
0
1
Not used
--
-
0
0
0
1
0
Not used
--
-
0
0
0
1
1
Not used
-
-
-
0
0
1
0
0
Soft-mute / others
--
-
0
0
1
0
1
Soft-step I
-
-
-
0
0
1
1
0
Soft-step II / DC-detector
-
-
-
0
0
1
1
1
Loudness
-
-
-
0
1
0
0
0
Volume / output gain
--
-
0
1
0
0
1
Treble
--
-
0
1
0
1
0
Middle
--
-
0
1
0
1
1
Bass
-
-
-
0
1
1
0
0
Subwoofer / middle / bass
-
-
-
0
1
1
0
1
Speaker attenuator left front
-
-
-
0
1
1
1
0
Speaker attenuator right front
-
-
-
0
1
1
1
1
Speaker attenuator left rear
-
-
-
1
0
0
0
0
Speaker attenuator right rear
-
-
-
1
0
0
0
1
Subwoofer attenuator left
-
-
-
1
0
0
1
0
Subwoofer attenuator right
-
-
-
1
0
0
1
1
Testing audio processor 1
-
-
-
1
0
1
0
0
Testing audio processor 2
-
-
-
1
0
1
0
1
Testing audio processor 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com