Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSV63X Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV63X
Description  Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV63X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV63X Datasheet HTML 8Page - STMicroelectronics TSV63X Datasheet HTML 9Page - STMicroelectronics TSV63X Datasheet HTML 10Page - STMicroelectronics TSV63X Datasheet HTML 11Page - STMicroelectronics TSV63X Datasheet HTML 12Page - STMicroelectronics TSV63X Datasheet HTML 13Page - STMicroelectronics TSV63X Datasheet HTML 14Page - STMicroelectronics TSV63X Datasheet HTML 15Page - STMicroelectronics TSV63X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Electrical characteristics
TSV632, TSV632A, TSV633, TSV633A, TSV634,
TSV634A, TSV635, TSV635A
12/31
DocID15688 Rev 6
Figure 8: Positive slew rate vs. time
Figure 9: Negative slew rate vs. time
Figure 10: Positive slew rate vs. supply voltage
Figure 11: Negative slew rate vs. supply voltage
Figure 12: Distortion + noise vs. output voltage
Figure 13: Distortion + noise vs. frequency
Output Voltage (Vpp)
Rl = 100 kΩ
Vcc = 5.5 V
Vcc = 5.5 V
Rl = 2 kΩ
f = 1 kHz
Gain = 1
BW = 22 kHz
Vicm = Vcc/2
Vcc = 1.5 V
Rl = 2 kΩ
Vcc = 1.5 V
Rl = 100 kΩ
10
100
1000
10000
100000
1E-3
0.01
0.1
1
Av = 1
Vin = 1 Vpp
BW = 80 kHz
Vicm = Vcc/2
Vcc = 1.5 V
Rl = 2 kΩ
Vcc = 1.5 V
Rl = 100 kΩ
Vcc = 5.5 V
Rl = 2 kΩ
Vcc = 5.5 V
Rl = 100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com